Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324J4T3 Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 141Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 142Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 143Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 144Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 145Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 146Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 147Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 148Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 164 page
background image
ST72324Jx ST72324Kx
145/164
10-BIT ADC CHARACTERISTICS (Cont’d)
12.13.3 ADC Accuracy
Conditions: VDD=5V
1)
Notes:
1. ADC Accuracy vs. Negative Injection Current: Injecting negative current may reduce the accuracy of the conversion
being performed on another analog input.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 12.9 does not affect the ADC
accuracy.
2. Data based on characterization results, monitored in production to guarantee 99.73% within ± max value from -40°C
to 125°C (± 3
σ distribution limits).
Figure 87. ADC Accuracy Characteristics
Symbol
Parameter
Conditions
Flash Devices
Unit
Typ
Max2)
|ET|
Total unadjusted error 1)
46
LSB
|EO|
Offset error 1)
35
|EG|
Gain Error 1)
0.5
4.5
|ED|
Differential linearity error
1)
CPU in run mode @ fADC 2 MHz.
1.5
4.5
|EL|
Integral linearity error 1)
CPU in run mode @ fADC 2 MHz.
1.5
4.5
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
AREF
V
SSA
–
1024
--------------------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
2345
67
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VAREF
VSSA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com