Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324J4T3 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 143Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 144Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 145Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 146Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 147Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 148Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 149Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 150Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 164 page
background image
ST72324Jx ST72324Kx
147/164
PACKAGE MECHANICAL DATA (Cont’d)
Figure 90. 42-Pin Plastic Dual In-Line Package, Shrink 600-mil Width
-
Figure 91. 32-Pin Plastic Dual In-Line Package, Shrink 400-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.08
0.200
A1
0.51
0.020
A2
3.05
3.81
4.57 0.120 0.150 0.180
b
0.38
0.46
0.56 0.015 0.018 0.022
b2
0.89
1.02
1.14 0.035 0.040 0.045
c
0.23
0.25
0.38 0.009 0.010 0.015
D
36.58 36.83 37.08 1.440 1.450 1.460
E
15.24
16.00 0.600
0.630
E1
12.70 13.72 14.48 0.500 0.540 0.570
e
1.78
0.070
eA
15.24
0.600
eB
18.54
0.730
eC
1.52 0.000
0.060
L
2.54
3.30
3.56 0.100 0.130 0.140
Number of Pins
N
42
E
E1
eA
eB
E
0.015
GAGE PLANE
eC
eB
D
e
b
b2
A2
A1
c
L
A
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.56
3.76
5.08 0.140 0.148 0.200
A1
0.51
0.020
A2
3.05
3.56
4.57 0.120 0.140 0.180
b
0.36
0.46
0.58 0.014 0.018 0.023
b1
0.76
1.02
1.40 0.030 0.040 0.055
C
0.20
0.25
0.36 0.008 0.010 0.014
D
27.43
28.45 1.080 1.100 1.120
E
9.91 10.41 11.05 0.390 0.410 0.435
E1
7.62
8.89
9.40 0.300 0.350 0.370
e
1.78
0.070
eA
10.16
0.400
eB
12.70
0.500
eC
1.40
0.055
L
2.54
3.05
3.81 0.100 0.120 0.150
Number of Pins
N
32
D
b2
b
e
A
A1
A2
L
E1
E
eC
C
eA
eB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com