Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C04-FMN3TP/S Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24C04-FMN3TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04-FMN3TP/S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24C04-FMN3TP/S Datasheet HTML 17Page - STMicroelectronics M24C04-FMN3TP/S Datasheet HTML 18Page - STMicroelectronics M24C04-FMN3TP/S Datasheet HTML 19Page - STMicroelectronics M24C04-FMN3TP/S Datasheet HTML 20Page - STMicroelectronics M24C04-FMN3TP/S Datasheet HTML 21Page - STMicroelectronics M24C04-FMN3TP/S Datasheet HTML 22Page - STMicroelectronics M24C04-FMN3TP/S Datasheet HTML 23Page - STMicroelectronics M24C04-FMN3TP/S Datasheet HTML 24Page - STMicroelectronics M24C04-FMN3TP/S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
DC and AC parameters
Doc ID 5067 Rev 16
21/39
Table 11.
DC characteristics (M24Cxx-R)
Symbol
Parameter
Test condition
(in addition to those in Table 7)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E0, E1,and E2)
VIN = VSS or VCC, device in
Standby mode
± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
± 2
µA
ICC
Supply current
VCC = 1.8 V, fc= 400 kHz
(rise/fall time < 50 ns)
0.8
mA
ICC1
Standby supply current
Device not selected(1), VIN = VSS
or VCC, VCC = 1.8 V
1.
The device is not selected after a power-up, after a read command (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command).
1µA
VIL
Input low voltage (SDA,
SCL, WC)
2.5 V
≤ VCC
–0.45
0.3 VCC
V
1.8 V
≤VCC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage (SDA,
SCL, WC)
0.7VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.7 mA, VCC = 1.8 V
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com