Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STG3157CTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG3157CTR
Description  Low voltage low on-resistance SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157CTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3157CTR Datasheet HTML 4Page - STMicroelectronics STG3157CTR Datasheet HTML 5Page - STMicroelectronics STG3157CTR Datasheet HTML 6Page - STMicroelectronics STG3157CTR Datasheet HTML 7Page - STMicroelectronics STG3157CTR Datasheet HTML 8Page - STMicroelectronics STG3157CTR Datasheet HTML 9Page - STMicroelectronics STG3157CTR Datasheet HTML 10Page - STMicroelectronics STG3157CTR Datasheet HTML 11Page - STMicroelectronics STG3157CTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STG3157
8/18
Doc ID 9007 Rev 2
3.3
Analog switch characteristics
CL = 5 pF, RL = 50 Ω, TA = 25 °C
Table 8.
Analog switch characteristics
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
OIRR
Off isolation
1.65-5.5
RL = 50Ω
f = 10MHz
-57
dB
Xtalk
Crosstalk
1.65-5.5
RL = 50Ω
f = 10MHz
-54
dB
BW
-3dB
bandwidth
1.65-5.5
RL = 50Ω
250
MHz
CIN
Control pin
input
capacitance
5
pF
CSn
Sn port
capacitance
5.0
f = 1MHz
13
CD
D port
capacitance
when switch is
enabled
5.0
f = 1MHz
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com