Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705BD7 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 85 page
background image
SECTION 13: ELECTRICAL SPECIFICATIONS
Page 69
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
13.6
HSYNC/VSYNC Input Timing
(VDD = 5.0 Vdc ±10%, VSS = 0 VDC, TA = 0˚C to +70˚C, unless otherwise noted)
Parameter
Symbol
Min
Max
Units
VSYNC input sync pulse
tVI.SP
1/2
4096
tCYC
HSYNC input sync pulse
tHI.SP
1/2
12
tCYC
VSYNC to VSYNO delay (8pF loading)
tVVd
30
40
ns
HSYNC to HSYNO delay (8pF loading)
tHHd
30
40
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com