| Electronic Components Datasheet Search |
|
M24C01-FDW5TP/S Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-FDW5TP/S Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 39 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Device operation Doc ID 5067 Rev 16 13/39 Figure 7. Write mode sequences with WC = 1 (data write inhibited) 3.6 Write operations Following a Start condition the bus master sends a device select code with the Read/Write bit (RW) reset to 0. The device acknowledges this, as shown in Figure 8, and waits for an address byte. The device responds to the address byte with an acknowledge bit, and then waits for the data byte. When the bus master generates a Stop condition immediately after a data byte’s Ack bit (in the “10th bit” time slot), either at the end of a Byte Write or a Page Write, the internal write cycle is triggered. A Stop condition at any other time slot does not trigger the internal write cycle. During the internal Write cycle, Serial Data (SDA) and Serial Clock (SCL) are ignored, and the device does not respond to any requests. 3.6.1 Byte Write After the device select code and the address byte, the bus master sends one data byte. If the addressed location is Write-protected, by Write Control (WC) being driven High (during the period from the Start condition until the end of the address byte), the device replies to the data byte with NoAck, as shown in Figure 7, and the location is not modified. If, instead, Byte Write Dev select Byte address Data in WC Page Write Dev select Byte address Data in 1 Data in 2 WC Data in 3 AI02803d Page Write (cont'd) WC (cont'd) Data in N ACK ACK NO ACK R/W ACK ACK NO ACK NO ACK R/W NO ACK NO ACK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |