Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705SJ7 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 68HC705SJ7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SJ7 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 68HC705SJ7 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705SJ7 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC705SJ7 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC705SJ7 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC705SJ7 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC705SJ7 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC705SJ7 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC705SJ7 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC705SJ7 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 230 page
background image
General Description
Features
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
General Description
•
On-Chip Oscillator with Device Option of Crystal/Ceramic
Resonator or RC Operation and MOR Selectable Shunt Resistor,
Approximately 2 M
Ω
•
Internal Oscillator for Lower-Power Operation, Approximately
100 kHz (500 kHz Selected as Device Option)
•
EPROM Security Bit1 to Aid in Locking Out Access to
Programmable EPROM array
•
MOR Selectable (COP) Watchdog System
•
Power-Saving Stop and Wait Mode Instructions (MOR Selectable
STOP Conversion to Halt and Option for Fast 16-Cycle Restart,
and Power-On Reset)
•
On-Chip Temperature Measurement Diode
•
MOR Selectable Low-Voltage Inhibit to Reset CPU in Low-Voltage
Conditions
•
Illegal Address Reset
•
Internal Steering Diode and Pullup Device on RESET Pin to VDD
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com