Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705RC17 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 68HC705RC17
Description  Genneral Release Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705RC17 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 68HC705RC17 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705RC17 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 126 page
background image
Carrier Modulator Transmitter (CMT)
Modulator
MC68HC705RC17 — Rev. 2.0
General Release Specification
Carrier Modulator Transmitter (CMT)
EIMSK — External Interrupt Mask
1 = IRQ and keyscan interrupts masked
0 = IRQ and keyscan interrupts enabled
The external interrupt mask bit is used to mask IRQ and keyscan
interrupts. This bit is cleared by reset.
EXSPC — Extended Space Enable
1 = Extended space enabled
0 = Extended space disabled
For a description of the extended space enable bit, see 9.5.3
Extended Space Operation. This bit is cleared by reset.
BASE — Baseband Enable
1 = Baseband enabled
0 = Baseband disabled
When set, the BASE bit disables the carrier generator and forces the
carrier output high for generation of baseband protocols. When BASE
is clear, the carrier generator is enabled and the carrier output toggles
at the frequency determined by values stored in the carrier data
registers. See 9.5.1 Time Mode. This bit is cleared by reset. This bit
is not double buffered and should not be written to during a
transmission.
MODE — Mode Select
1 = CMT operates in FSK mode.
0 = CMT operates in time mode.
For a description of CMT operation in time mode, see 9.5.1 Time
Mode. For a description of CMT operation in FSK mode, see 9.5.2
FSK Mode. This bit is cleared by reset. This bit is not double buffered
and should not be written to during a transmission.
IE — Interrupt Enable
1 = CPU interrupt enabled
0 = CPU interrupt disabled
A CPU interrupt will be requested when EOC is set if IE was previously
set. If IE is clear, EOC will not request a CPU interrupt.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com