Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7MC1XX Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7MC1XX
Description  8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1XX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7MC1XX Datasheet HTML 8Page - STMicroelectronics ST7MC1XX Datasheet HTML 9Page - STMicroelectronics ST7MC1XX Datasheet HTML 10Page - STMicroelectronics ST7MC1XX Datasheet HTML 11Page - STMicroelectronics ST7MC1XX Datasheet HTML 12Page - STMicroelectronics ST7MC1XX Datasheet HTML 13Page - STMicroelectronics ST7MC1XX Datasheet HTML 14Page - STMicroelectronics ST7MC1XX Datasheet HTML 15Page - STMicroelectronics ST7MC1XX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 309 page
background image
ST7MC1xx/ST7MC2xx
12/309
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, See “ELECTRICAL CHARACTERISTICS” on page 247.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: CT= CMOS 0.3VDD/0.7VDD with Schmitt trigger
TT= Refer to the G&H ports Characteristics in section 12.8.1 on page 264
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, wpd = weak pull-down, int = interrupt 1), ana = analog
– Output:
OD = open drain, PP = push-pull
Refer to “I/O PORTS” on page 54 for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state.
Table 1. ST7MC Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function 2)
Input 1)
Output
1
1
8151
MCO3 (HS)
O
HS
X
Motor Control Output 3
2
2
9262
MCO4 (HS)
O
HS
X
Motor Control Output 4
3
3
10
3
7
3
MCO5 (HS)
O
HS
X
Motor Control Output 5
4
4
11
484
MCES3)
ICT
X
MTC Emergency Stop
5
----
-
PG0
I/O TT
X XX
X
Port G0
6
----
-
PG1
I/O TT
X XX
X
Port G1
7
----
-
PG2
I/O TT
X XX
X
Port G2
8
----
-
PG3
I/O TT
X XX
X
Port G3
9
5
12
595
OSC14)
I
External clock input or Resonator
oscillator inverter input
10
613610
6
OSC24)
I/O
Resonator oscillator inverter output
11
7147
-
-
Vss_1
5)
S
Digital Ground Voltage
12
8158
-
-
Vdd_1
5)
S
Digital Main Supply Voltage
13
9
-
-
-
-
PA0/PWM3
I/O CT
X X
X
X
Port A0
PWM Output 3
14 10
16
-
-
-
PA1/PWM2
I/O CT HS X X
X
X
Port A1
PWM Output 2
15 11
-
-
-
-
PA2PWM1
I/O CT
X X
X
X
Port A2
PWM Output 1
16 12
17
9
11
7
PA3/PWM0/
AIN0
I/O CT
X
ei1
X
X
X
Port A3
PWM Out-
put 0
ADC Ana-
log Input 0
17 13
18
-
-
-
PA4 (HS)/ART-
CLK
I/O CT HS X X
X
X
Port A4
PWM-ART External Clock
18 14
19
10
12
8
PA5 / ARTIC1/
AIN1
I/O CT
X
ei1 X
X
X
Port A5
PWM-ART
Input Cap-
ture 1
ADC Analog
Input 1
19 15
20
-
-
-
PA6 / ARTIC2
I/O CT
X
ei1
X
X
Port A6
PWM-ART Input Capture
2
20 16
-
-
-
-
PA7/AIN2
I/O CT
X
ei1 X
X
X
Port A7
ADC Analog Input 2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com