Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7MC2XX Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7MC2XX
Description  8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2XX Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7MC2XX Datasheet HTML 24Page - STMicroelectronics ST7MC2XX Datasheet HTML 25Page - STMicroelectronics ST7MC2XX Datasheet HTML 26Page - STMicroelectronics ST7MC2XX Datasheet HTML 27Page - STMicroelectronics ST7MC2XX Datasheet HTML 28Page - STMicroelectronics ST7MC2XX Datasheet HTML 29Page - STMicroelectronics ST7MC2XX Datasheet HTML 30Page - STMicroelectronics ST7MC2XX Datasheet HTML 31Page - STMicroelectronics ST7MC2XX Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 309 page
background image
ST7MC1xx/ST7MC2xx
28/309
6 SUPPLY, RESET AND CLOCK MANAGEMENT
The device includes a range of utility features for
securing the application in critical situations (for
example in case of a power brown-out), and re-
ducing the number of external components. An
overview is shown in Figure 13.
For more details, refer to dedicated parametric
section.
Main features
■ Reset Sequence Manager (RSM)
■ 1 Crystal/Ceramic resonator oscillator
■ System Integrity Management (SI)
– Main supply Low voltage detection (LVD)
– Auxiliary Voltage detector (AVD) with interrupt
capability for monitoring the main supply
– Clock Security System (CSS) with the VCO of
the PLL, providing a backup safe oscillator
– Clock Detector
– PLL which can be used to multiply the fre-
quency by 2 if the clock frequency input is
8MHz
Figure 13. Clock, Reset and Supply Block Diagram
LOW VOLTAGE
DETECTOR
(LVD)
AUXILIARY VOLTAGE
DETECTOR
(AVD)
OSCILLATOR
OSC1
RESET
VSS
VDD
RESET SEQUENCE
MANAGER
(RSM)
CLOCK SECURITY SYSTEM
OSC2
MAIN CLOCK
CSS Interrupt Request
AVD Interrupt Request
CONTROLLER
SYSTEM
WATCHDOG
SICSR, page 0
TIMER (WDG)
WITH REALTIME
CLOCK (MCC/RTC)
AVD AVD LVD
RF
CSS
IE
IE
CSS
D
WDG
RF
fOSC
0
F
fCPU
PA
fMTC
1/2
Safeosc
8Mhz PLL
Clock Detector
VCO
CK
0
EN
PA
LO
CK
PLL
EN
SICSR, page 1
16Mhz
fOSC
CKSEL
DIV2 OPT
lock
GE
0
0
GE
INTEGRITY MANAGEMENT
SEL
fCLK
* It is recommended to decouple the power supply by placing a 0.1µF capacitor as close as possible to VDD
*
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com