Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHFL4913A Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFL4913A
Description  Rad-hard adjustable positive voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913A Datasheet(HTML) 1 Page - STMicroelectronics

  RHFL4913A Datasheet HTML 1Page - STMicroelectronics RHFL4913A Datasheet HTML 2Page - STMicroelectronics RHFL4913A Datasheet HTML 3Page - STMicroelectronics RHFL4913A Datasheet HTML 4Page - STMicroelectronics RHFL4913A Datasheet HTML 5Page - STMicroelectronics RHFL4913A Datasheet HTML 6Page - STMicroelectronics RHFL4913A Datasheet HTML 7Page - STMicroelectronics RHFL4913A Datasheet HTML 8Page - STMicroelectronics RHFL4913A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
January 2010
Doc ID 10005 Rev 11
1/20
20
RHFL4913A
Rad-hard adjustable positive voltage regulator
Features
■ 3 A low dropout voltage
■ Embedded overtemperature and overcurrent
protection
■ Adjustable overcurrent limitation
■ Output overload monitoring/signalling
■ Adjustable output voltage
■ Inhibit (ON/OFF) TTL-compatible control
■ Programmable output short-circuit current
■ Remote sensing operation
■ Rad-hard: guaranteed up to 300 krad Mil Std
883E Method 1019.6 high dose rate and 0.01
rad/s in ELDRS conditions
■ Heavy ion, SEL immune
Description
The RHFL4913A high-performance adjustable
positive voltage regulator provides exceptional
radiation performance. It is tested in accordance
with Mil Std 883E Method 1019.6, in ELDRS
conditions.
The device is available in the FLAT-16 and the
new SMD5C hermetic ceramic package, and the
QML-V die is specifically designed for space and
harsh radiation environments. It operates with an
input supply of up to 12 volts.
The RHFL4913A is QML-V qualified, DSCC SMD
#5962F02524.
FLAT-16
SMD5C:
5-connection SMD
www.st.com


Similar Part No. - RHFL4913A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
More results

Similar Description - RHFL4913A

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
Rad-hard adjustable negative voltage regulator
26-Aug-2008
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
Rad-hard positive fixed voltage regulator
19-Oct-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
Rad-hard adjustable negative voltage regulator
07-Dec-2011
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com