Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M34E02-FDW1P Datasheet(PDF) 32 Page - STMicroelectronics

Part # M34E02-FDW1P
Description  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1P Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M34E02-FDW1P Datasheet HTML 26Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 27Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 28Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 29Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 30Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 31Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 32Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 33Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Revision history
M34E02, M34E02-F
32/34
Doc ID 10367 Rev 10
10
Revision history
Table 18.
Document revision history
Date
Revision
Changes
13-Nov-2003
1.0
First release
01-Dec-2003
1.1
TSSOP8 4.4x3 package replaces TSSOP8 3x3 (MSOP8) package.
Correction to sentence in “Setting the Write Protection”. Correction to
specification of tNS values.
29-Mar-2004
1.2
Always NoACK after Address and Data bytes in Table 6. Improvement in
VIO and VCC (min) in Absolute Maximum Ratings table. IOL changed for
test condition of VOL. MLP package mechanical data respecified.
Soldering temperature information clarified for RoHS compliant devices.
14-Apr-2004
2.0
First public release
24-Nov-2004
3.0
Direct connection of E0, E1, E2 to VSS and VCC (see Chip Enable (E0,
E1, E2) and Use within a DDR1/DDR2 DRAM module paragraphs). ZEiL
and ZEiH parameters added to Table 11: Input parameters. E0, E1, E2
removed from the Parameter descriptions of VIL and VIH in Table 13: DC
characteristics (for temperature range 6 devices).
Document status promoted from Product Preview to full Datasheet.
11-Mar-2005
4.0
Datasheet title changed. Features revised.
Plating Technology options updated in Table 17: Ordering information
scheme.
Resistance and capacitance renamed in Figure 4: Maximum RP value
versus bus parasitic capacitance (C) for an I2C bus.
28 -Apr-2005
5.0
Text in Power On Reset changed. Noise filter value in Table 11: Input
parameters modified. ICC value 2mA, when Vcc=3/6V, added to Table 13:
DC characteristics (for temperature range 6 devices).
10-Apr-2006
6
In Table 14: AC characteristics: Frequency fC changed from 100kHz to
400kHz, related AC timings (tCHCL, tCLCH, tDXCX, tCLQV max, tCHDX, tDLCL,
tCHDH, tDHDL) also modified.
Power On Reset paragraph removed replaced by Internal device reset.
Figure 3: Device select code inserted. ICC1 modified in Table 13: DC
characteristics (for temperature range 6 devices).
Note 3 added to Figure 14 and Note 2 added to Figure 15
All packages are ECOPACK® (see text added under Description and Part
numbering, TLEAD removed from Table 7: Absolute maximum ratings).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com