Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M34E02-FMB1G Datasheet(PDF) 6 Page - STMicroelectronics

Part # M34E02-FMB1G
Description  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FMB1G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M34E02-FMB1G Datasheet HTML 2Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 3Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 4Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 5Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 6Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 7Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 8Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 9Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Description
M34E02, M34E02-F
6/34
Doc ID 10367 Rev 10
1
Description
The M34E02 and M34E02-F are 2 Kbit serial EEPROM memories able to lock permanently
the data in its first half (from location 00h to 7Fh). This facility has been designed specifically
for use in DRAM DIMMs (dual interline memory modules) with serial presence detect (SPD).
All the information concerning the DDR1 or DDR2 configuration of the DRAM module (such
as its access speed, size and organization) can be kept write-protected in the first half of the
memory.
The first half of the memory area can be write-protected using two different software write
protection mechanisms. By sending the device a specific sequence, the first 128 bytes of
the memory become write protected: permanently or resettable. In addition, the devices
allow the entire memory area to be write protected, using the WC input (for example by
tieing this input to VCC).
These I2C-compatible electrically erasable programmable memory (EEPROM) devices are
organized as 256 × 8 bits.
I2C uses a two wire serial interface, comprising a bi-directional data line and a clock line.
The devices carry a built-in 4-bit device type identifier code (1010) in accordance with the
I2C bus definition to access the memory area and a second device type identifier code
(0110) to define the protection. These codes are used together with the voltage level applied
on the three chip enable inputs (E2, E1, E0).
The devices behave as a slave device in the I2C protocol, with all memory operations
synchronized by the serial clock. Read and Write operations are initiated by a Start
condition, generated by the bus master. The Start condition is followed by a device select
code and RW bit (as described in the Device select code table), terminated by an
acknowledge bit.
When writing data to the memory, the memory inserts an acknowledge bit during the 9th bit
time, following the bus master’s 8-bit transmission. When data is read by the bus master, the
bus master acknowledges the receipt of the data byte in the same way. Data transfers are
terminated by a Stop condition after an Ack for WRITE, and after a NoAck for READ.
Figure 1.
Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com