Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M34E02-FDW6G Datasheet(PDF) 26 Page - STMicroelectronics

Part # M34E02-FDW6G
Description  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW6G Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M34E02-FDW6G Datasheet HTML 22Page - STMicroelectronics M34E02-FDW6G Datasheet HTML 23Page - STMicroelectronics M34E02-FDW6G Datasheet HTML 24Page - STMicroelectronics M34E02-FDW6G Datasheet HTML 25Page - STMicroelectronics M34E02-FDW6G Datasheet HTML 26Page - STMicroelectronics M34E02-FDW6G Datasheet HTML 27Page - STMicroelectronics M34E02-FDW6G Datasheet HTML 28Page - STMicroelectronics M34E02-FDW6G Datasheet HTML 29Page - STMicroelectronics M34E02-FDW6G Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
DC and AC parameters
M34E02, M34E02-F
26/34
Doc ID 10367 Rev 10
Table 14.
AC characteristics
Test conditions specified in Table 10, Table 8 and Table 9
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
ns
tCLCH
tLOW
Clock pulse width low
1300
ns
tDL1DL2
(1)
1.
Sampled only, not 100% tested.
tF
SDA (out) fall time
20
100
ns
tXH1XH2
(2)
2.
Values recommended by I²C-bus/Fast-Mode specification.
tR
Input signal rise time
20
300
ns
tXL1XL2
(2)
tF
Input signal fall time
20
300
ns
tDXCX
tSU:DAT
Data in set up time
100
ns
tCLDX
tHD:DAT
Data in hold time
0
ns
tCLQX
tDH
Data out hold time
200
ns
tCLQV
(3)(4)
3.
To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or
rising edge of SDA.
4.
tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3VCC or
0.7VCC, assuming that the Rbus × Cbus time constant is within the values specified in Figure 4).
tAA
Clock low to next data valid (access time)
200
900
ns
tCHDL
(5)
5.
For a re-Start condition, or following a Write cycle.
tSU:STA
Start condition setup time
600
ns
tDLCL
tHD:STA
Start condition hold time
600
ns
tCHDH
tSU:STO Stop condition setup time
600
ns
tDHDL
tBUF
Time between Stop condition and next Start
condition
1300
ns
tW
tWR
Write time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com