Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 339 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 339 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 335Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 336Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 337Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 338Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 339Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 340Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 341Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 342Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 343Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 1348 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
339
7.3.2.21
ICPAR — Input Control Pulse Accumulators Register (ICPAR)
Read: Anytime
Write: Anytime.
All bits reset to zero.
The 8-bit pulse accumulators PAC3 and PAC2 can be enabled only if PAEN in PACTL is cleared. If PAEN
is set, PA3EN and PA2EN have no effect.
The 8-bit pulse accumulators PAC1 and PAC0 can be enabled only if PBEN in PBCTL is cleared. If PBEN
is set, PA1EN and PA0EN have no effect.
76543210
R
0000
PA3EN
PA2EN
PA1EN
PA0EN
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-43. Input Control Pulse Accumulators Register (ICPAR)
Table 7-25. ICPAR Field Descriptions
Field
Description
3:0
PA[3:0]EN
8-Bit Pulse Accumulator ‘x’ Enable
0 8-Bit Pulse Accumulator is disabled.
1 8-Bit Pulse Accumulator is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com