Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 341 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 341 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 337Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 338Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 339Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 340Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 341Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 342Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 343Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 344Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 345Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 1348 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
341
7.3.2.23
Input Control Overwrite Register (ICOVW)
Read: Anytime
Write: Anytime
All bits reset to zero.
76543210
R
NOVW7
NOVW6
NOVW5
NOVW4
NOVW3
NOVW2
NOVW1
NOVW0
W
Reset
00000000
Figure 7-45. Input Control Overwrite Register (ICOVW)
Table 7-29. ICOVW Field Descriptions
Field
Description
7:0
NOVW[7:0]
No Input Capture Overwrite
0 The contents of the related capture register or holding register can be overwritten when a new input capture
or latch occurs.
1 The related capture register or holding register cannot be written by an event unless they are empty (see
Section 7.4.1.1, “IC Channels”). This will prevent the captured value being overwritten until it is read or latched
in the holding register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com