Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 562 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 562 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 558Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 559Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 560Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 561Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 562Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 563Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 564Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 565Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 566Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 1348 page
background image
Chapter 14 Voltage Regulator (S12VREG3V3V5)
MC9S12XDP512 Data Sheet, Rev. 2.21
562
Freescale Semiconductor
14.3.2.5
Autonomous Periodical Interrupt Rate High and Low Register
(VREGAPIRH / VREGAPIRL)
The VREGAPIRH and VREGAPIRL register allows the configuration of the VREG_3V3 autonomous
periodical interrupt rate.
76543210
R
0000
APIR11
APIR10
APIR9
APIR8
W
Reset
00000000
= Unimplemented or Reserved
Figure 14-6. Autonomous Periodical Interrupt Rate High Register (VREGAPIRH)
76543210
R
APIR7
APIR6
APIR5
APIR4
APIR3
APIR2
APIR1
APIR0
W
Reset
00000000
Figure 14-7. Autonomous Periodical Interrupt Rate Low Register (VREGAPIRL)
Table 14-7. VREGAPIRH / VREGAPIRL Field Descriptions
Field
Description
11-0
APIR[11:0]
Autonomous Periodical Interrupt Rate Bits — These bits define the timeout period of the API. See Table 14-8
for details of the effect of the autonomous periodical interrupt rate bits. Writable only if APIFE = 0 of VREGAPICL
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com