Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 564 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 564 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 560Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 561Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 562Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 563Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 564Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 565Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 566Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 567Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 568Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 1348 page
background image
Chapter 14 Voltage Regulator (S12VREG3V3V5)
MC9S12XDP512 Data Sheet, Rev. 2.21
564
Freescale Semiconductor
14.3.2.6
Reserved 06
The Reserved 06 is reserved for test purposes.
14.3.2.7
Reserved 07
The Reserved 07 is reserved for test purposes.
14.4
Functional Description
14.4.1
General
Module VREG_3V3 is a voltage regulator, as depicted in Figure 14-1. The regulator functional elements
are the regulator core (REG), a low-voltage detect module (LVD), a control block (CTRL), a power-on
reset module (POR), and a low-voltage reset module (LVR).
14.4.2
Regulator Core (REG)
Respectively its regulator core has two parallel, independent regulation loops (REG1 and REG2) that differ
only in the amount of current that can be delivered.
The regulator is a linear regulator with a bandgap reference when operated in Full Performance Mode. It
acts as a voltage clamp in Reduced Power Mode. All load currents flow from input VDDR to VSS or
VSSPLL. The reference circuits are supplied by VDDA and VSSA.
14.4.2.1
Full Performance Mode
In Full Performance Mode, the output voltage is compared with a reference voltage by an operational
amplifier. The amplified input voltage difference drives the gate of an output transistor.
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 14-8. Reserved 06
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 14-9. Reserved 07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com