Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 786 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 786 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 782Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 783Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 784Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 785Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 786Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 787Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 788Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 789Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 790Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 786 / 1348 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
788
Freescale Semiconductor
21.1.3
Block Diagram
Figure 21-1 is a block diagram of the XEBI with all related I/O signals.
Figure 21-1. XEBI Block Diagram
21.2
External Signal Description
The user is advised to refer to the SoC section for port configuration and location of external bus signals.
NOTE
The following external bus related signals are described in other sections:
CS2, CS1, CS0 (chip selects) — S12X_MMC section
ECLK, ECLKX2 (free-running clocks) — PIM section
TAGHI, TAGLO (tag inputs) — PIM section, S12X_DBG section
Table 21-1 outlines the pin names and gives a brief description of their function. Refer to the SoC section
and PIM section for reset states of these pins and associated pull-ups or pull-downs.
XEBI
ADDR[22:0]
DATA[15:0]
LSTRB
R/W
UDS
LDS
RE
WE
EWAIT
ACC[2:0]
IQSTAT[3:0]
IVD[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com