Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 790 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 790 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 786Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 787Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 788Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 789Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 790Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 791Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 792Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 793Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 794Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 1348 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
792
Freescale Semiconductor
Table 21-3. Input Threshold Levels on External Signals
ITHRS
External Signal
NS
SS
NX
ES
EX
ST
0
DATA[15:8]
TAGHI, TAGLO
Standard
Standard
Standard
Reduced
Reduced
Standard
DATA[7:0]
EWAIT
Standard
Standard
1
DATA[15:8]
TAGHI, TAGLO
Standard
Standard
Reduced
if HDBE = 1
Reduced
Reduced
Reduced
DATA[7:0]
Reduced
EWAIT
Reduced
if EWAITE = 1
Standard
Reduced
if EWAITE = 1
Standard
Table 21-4. External Address Bus Size
ASIZ[4:0]
Available External Address Lines
00000
None
00001
UDS
00010
ADDR1, UDS
00011
ADDR[2:1], UDS
::
10110
ADDR[21:1], UDS
10111
:
11111
ADDR[22:1], UDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com