Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7SE512 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT91SAM7SE512
Description  Product Description
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7SE512 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT91SAM7SE512 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 36Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 37Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 38Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
35
6222ES–ATARM–15-Dec-09
AT91SAM7SE512/256/32 Preliminary Summary
10. Peripherals
10.1
User Interface
The User Peripherals are mapped in the 256 MBytes of the address space between
0xF000 0000 and 0xFFFF EFFF. Each peripheral is allocated 16 Kbytes of address space.
A complete memory map is presented in Figure 8-1 on page 22.
10.2
Peripheral Identifiers
The AT91SAM7SE512/256/32 embeds a wide range of peripherals. Table 10-1 defines the
Peripheral Identifiers of the AT91SAM7SE512/256/32. Unique peripheral identifiers are defined
for both the Advanced Interrupt Controller and the Power Management Controller.
Note:
1. Setting SYSC and ADC bits in the clock set/clear registers of the PMC has no effect. The Sys-
tem Controller is continuously clocked. The ADC clock is automatically started for the first
conversion. In Sleep Mode the ADC clock is automatically stopped after each conversion.
Table 10-1.
Peripheral Identifiers
Peripheral
ID
Peripheral
Mnemonic
Peripheral
Name
External
Interrupt
0
AIC
Advanced Interrupt Controller
FIQ
1
SYSC(1)
2
PIOA
Parallel I/O Controller A
3
PIOB
Parallel I/O Controller B
4
PIOC
Parallel I/O Controller C
5
SPI
Serial Peripheral Interface 0
6
US0
USART 0
7
US1
USART 1
8
SSC
Synchronous Serial Controller
9
TWI
Two-wire Interface
10
PWMC
PWM Controller
11
UDP
USB Device Port
12
TC0
Timer/Counter 0
13
TC1
Timer/Counter 1
14
TC2
Timer/Counter 2
15
ADC(1)
Analog-to Digital Converter
16-28
reserved
29
AIC
Advanced Interrupt Controller
IRQ0
30
AIC
Advanced Interrupt Controller
IRQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com