Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8027 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 56F8027
Description  16-bit Digital Signal Controllers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8027 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 56F8027 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8027 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8027 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8027 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8027 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8027 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8027 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8027 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8027 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 181 page
background image
56F8037/56F8027 Signal Pins
56F8037/56F8027 Data Sheet, Rev. 6
Freescale Semiconductor
39
GPIOD5
(XTAL)
(CLKIN)
52
Input/
Output
Analog
Input/
Output
Input
Input
Port D GPIO — This GPIO pin can be individually programmed as
an input or output pin.
External Crystal Oscillator Output — This output connects the
internal crystal oscillator output to an external crystal.
External Clock Input — This pin serves as an external clock input.
After reset, the default state is GPIOD5.
GPIOD6
(DAC0)
18
Input/
Output
Analog
Input
Input,
internal
pull-up
enabled
Port D GPIO — This GPIO pin can be individually programmed as
an input or output pin.
DAC0— Digital-to-Analog Converter output 0.
After reset, the default state is GPIOD6.
GPIOD7
(DAC1)
15
Input/
Output
Analog
Input
Input,
internal
pull-up
enabled
Port D GPIO — This GPIO pin can be individually programmed as
an input or output pin.
DAC1— Digital-to-Analog Converter output 1.
After reset, the default state is GPIOD7.
TDI
(GPIOD0)
59
Input
Input/
Output
Input,
internal
pull-up
enabled
Test Data Input — This input pin provides a serial input data stream
to the JTAG/EOnCE port. It is sampled on the rising edge of TCK
and has an on-chip pull-up resistor.
Port D GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is TDI.
TDO
(GPIOD1)
64
Output
Input/
Output
Output
tri-stated,
internal
pull-up
enabled
Test Data Output — This tri-stateable output pin provides a serial
output data stream from the JTAG/EOnCE port. It is driven in the
shift-IR and shift-DR controller states, and changes on the falling
edge of TCK.
Port D GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is TDO.
Return to Table 2-2
Table 2-3 56F8037/56F8027 Signal and Package Information for the 64-Pin LQFP (Continued)
Signal
Name
LQFP
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com