Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6520AQRRDG9F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM6520AQRRDG9F
Description  Dual push-button Smart Reset??with push-button controlled output delay
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6520AQRRDG9F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM6520AQRRDG9F Datasheet HTML 15Page - STMicroelectronics STM6520AQRRDG9F Datasheet HTML 16Page - STMicroelectronics STM6520AQRRDG9F Datasheet HTML 17Page - STMicroelectronics STM6520AQRRDG9F Datasheet HTML 18Page - STMicroelectronics STM6520AQRRDG9F Datasheet HTML 19Page - STMicroelectronics STM6520AQRRDG9F Datasheet HTML 20Page - STMicroelectronics STM6520AQRRDG9F Datasheet HTML 21Page - STMicroelectronics STM6520AQRRDG9F Datasheet HTML 22Page - STMicroelectronics STM6520AQRRDG9F Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
STM6520
Package marking information
Doc ID 15953 Rev 5
21/23
12
Package marking information
Table 10.
Package marking
Figure 17.
Package marking area, top view
Part number
Package
Topmark
STM6520AQRRDG9F
TDFN8 2 x 2 x 0.75 mm, 0.5 mm pitch
DRM
STM6520AQRRDG9F
TDFN8 2 x 2 x 0.75 mm, 0.5 mm pitch
ERM
AM00479
A
BC
D
E
Topmark
A = dot (pin 1 reference)
B = assembly plant (P)
C = assembly year (Y, 0-9): 9 = 2009 etc.
D = assembly work week (WW, 01 to 52): 20 = WW20 etc.
E = marking area (topmark)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com