Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3600G/36SF Datasheet(PDF) 1 Page - 3M Electronics

Part # 3600G/36SF
Description  3M™ Round, Shielded/Jacketed, Disc. Wire Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3600G/36SF Datasheet(HTML) 1 Page - 3M Electronics

  3600G/36SF Datasheet HTML 1Page - 3M Electronics 3600G/36SF Datasheet HTML 2Page - 3M Electronics 3600G/36SF Datasheet HTML 3Page - 3M Electronics 3600G/36SF Datasheet HTML 4Page - 3M Electronics 3600G/36SF Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round, Shielded/Jacketed, Disc. Wire Cable
28 AWG Stranded, Twisted Pair, PVC/PVC
3600X Series
• Meets external wiring requirements of National
Electrical Code, Article 725 (CL2)
• 28 AWG stranded wire provides flexibility
• Twisted pairs reduce crosstalk for balanced drive
applications
• Dual shielding with aluminum film foil and copper
braid provides excellent EMI/ESD protection
• Wires are color coded for easy identification
• 35 db average shielding effectiveness
• See Regulatory Information Appendix (RIA) for
chemical compliance information
(RIA E1 & C1 apply)
Date Modified: May 11, 2009
TS-0388-B
Sheet 1 of 2
Physical
Jacket Material: Polyvinyl Chloride (PVC); Color: Beige
Primary Material: PVC
Marking:
Standard: (UL) CL2 75C 28 AWG
3M XX
C
AWM IIA/B 80C 150V FT1 EU <50V
(where XX may be NU, MR or NW)
Conductors: 28 AWG, 7 × 36 AWG [ 7 × Ø 0.127 ] Tinned Stranded Copper
Shielding: 0.001 [ 0.03 ] Thick Aluminum/Polyester Film Foil and
90% Coverage Tinned Copper Braid
Electrical
Voltage Rating: USA: N.E.C. 725, CL2
Canada: 150V
EU: <50V
Insulation Resistance: (Primary Cable) > 1 × 1010
Ω/10 ft. [ 3 m ]
Characteristic Impedance: Unbalanced
Balanced
58
Ω
91
Ω
Capacitance: 29.2 pF/ft [ 95.8 pF/m ]
18.5 pF/ft [ 60.7 pF/m ]
Inductance: 0.10 μH/ft [ 0.33 μH/m ] 0.15 μH/ft [ 0.49 μH/m ]
Propagation Delay: 1.69 ns/ft [ 5.54 ns/m ]
1.69 ns/ft [ 5.54 ns/m ]
Velocity of Propagation: 60%
60%
Note: Unbalanced is measured between conductors within a pair with one conductor connected to the shield. Balanced is measured between conductors within a pair with the shield floating.
Environmental
Temperature Rating: USA: CL2; 75°C Max
Canada: +80°C
Flammability Rating: USA: N.E.C. 725, CL2
Canada: FT1
UL File No.: E118773, Power Limited Circuit Cable; CL2


Similar Part No. - 3600G/36SF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3600 BOURNS-3600 Datasheet
198Kb / 1P
10-Turn Precision Knobpot
logo
Pomona Electronics
3600 POMONA-3600 Datasheet
33Kb / 3P
Assembly Instructions Triaxial Cable Plug
logo
ebm-papst
3600 EBMPAPST-3600 Datasheet
423Kb / 1P
TUBEAXIAL
3600 EBMPAPST-3600 Datasheet
290Kb / 4P
AC axial compact fan
logo
Coto Technology
3600 COTO-3600 Datasheet
1Mb / 2P
3600 SERIES/LOW THERMAL EMF REED RELAYS
More results

Similar Description - 3600G/36SF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3647B 3M-3647B Datasheet
45Kb / 2P
Round, Shielded/Jacketed, Discrete Wire Cable
29-Jul-1999
3659 3M-3659 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3644 3M-3644 Datasheet
870Kb / 6P
3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
13-May-2009
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
HF625 3M-HF625 Datasheet
917Kb / 3P
3M™ Round Conductor Flat Cable
03-Dec-2010
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3659 3M-3659 Datasheet
35Kb / 2P
050, Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
3896 3M-3896 Datasheet
752Kb / 5P
3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com