Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMPWR330 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CMPWR330
Description  400mA SmartOR Regulator with VAUX Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR330 Datasheet(HTML) 1 Page - ON Semiconductor

  CMPWR330 Datasheet HTML 1Page - ON Semiconductor CMPWR330 Datasheet HTML 2Page - ON Semiconductor CMPWR330 Datasheet HTML 3Page - ON Semiconductor CMPWR330 Datasheet HTML 4Page - ON Semiconductor CMPWR330 Datasheet HTML 5Page - ON Semiconductor CMPWR330 Datasheet HTML 6Page - ON Semiconductor CMPWR330 Datasheet HTML 7Page - ON Semiconductor CMPWR330 Datasheet HTML 8Page - ON Semiconductor CMPWR330 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
400mA SmartORTM Regulator
with VAUX Switch
CMPWR330
©2010 SCILLC. All rights reserved.
Publication Order Number:
June 2010 Rev. 3
CMPWR330/D
Features
Continuous 3.3V output from three inputs
Complete power management solution
V
CC, VSBY regulator supplies 400mA output
Built-in hysteresis when selecting input supplies
Integrated switch has very low R
DS(ON) resistance
of 0.25
Ω (TYP)
Foldback current limiting protection
Thermal overload shutdown protection
8-pin power SOIC package
RoHS compliant (lead-free) finishing
Applications
PCI adapter cards with Wake-On-LAN
Network Interface Cards (NICs)
Multiple power systems
Systems with standby capabilities
Product Description
The CMPWR330 is a dual input regulator with a fully
integrated VAUX switch capable of delivering up to
400mA continuously at 3.3V. The input is taken from
three independent voltage sources on a prioritized
basis. Power is always taken in priority using the
order of V
CC, VSBY, and VAUX.
When V
CC,
(5V) or V
SBY
is present, the device
automatically enables the regulator and produces a
stable 3.3V output at V
OUT.
When only V
AUX (3.3V) is present, the device provides
a low impedance direct connection (0.25
Ω TYP.)
from V
AUX to VOUT.
All the necessary control circuitry needed to provide a
smooth and automatic transition between all three
supplies has been incorporated. This allows the V
CC
input supply to be dynamically switched without loss
of output voltage.
The CMPWR330 is housed in an 8-pin SOIC
package and is available with RoHS compliant lead-
free finishing.


Similar Part No. - CMPWR330

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
CMPWR330SA CALMIRCO-CMPWR330SA Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
CMPWR330SAR CALMIRCO-CMPWR330SAR Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
CMPWR330SAT CALMIRCO-CMPWR330SAT Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
More results

Similar Description - CMPWR330

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
300mA SMARTOR Regulator with V Drive
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
500mA SMARTOR Dual Regulator with V switch?
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
logo
Advanced Analogic Techn...
AAT1204 ANALOGICTECH-AAT1204 Datasheet
213Kb / 13P
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
Analog Intergrations Co...
AIC1532 AIC-AIC1532 Datasheet
59Kb / 4P
500mA DUAL REGULATOR WITH VAUX DRIVE
logo
Advanced Analog Technol...
AAT1204 AAT-AAT1204 Datasheet
213Kb / 13P
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
V 1.0
logo
ON Semiconductor
CMPWR101 ONSEMI-CMPWR101 Datasheet
137Kb / 12P
250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com