Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F805 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56F805
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F805 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F805 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
56F805 Technical Data, Rev. 16
8
Freescale Semiconductor
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56F805 are organized into functional groups, as shown in Table 2-1
and as illustrated in Figure 2-1. In Table 2-2 through Table 2-18, each table row describes the signal or
signals present on a pin.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of
Pins
Detailed
Description
Power (VDD or VDDA)9
Table 2-2
Ground (VSS or VSSA)9
Table 2-3
Supply Capacitors and VPP
3
Table 2-4
PLL and Clock
3
Table 2-5
Address Bus1
16
Table 2-6
Data Bus
16
Table 2-7
Bus Control
4
Table 2-8
Interrupt and Program Control
5
Table 2-9
Dedicated General Purpose Input/Output
14
Table 2-10
Pulse Width Modulator (PWM) Port
26
Table 2-11
Serial Peripheral Interface (SPI) Port1
1.
Alternately, GPIO pins
4
Table 2-12
Quadrature Decoder Port2
2.
Alternately, Quad Timer pins
8
Table 2-13
Serial Communications Interface (SCI) Port1
4
Table 2-14
CAN Port
2
Table 2-15
Analog to Digital Converter (ADC) Port
9
Table 2-16
Quad Timer Module Ports
6
Table 2-17
JTAG/On-Chip Emulation (OnCE)
6
Table 2-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com