Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56F803E Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56F803E
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803E Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56F803E Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Pulse Width Modulator (PWM) Signals
56F803 Technical Data, Rev. 16
Freescale Semiconductor
13
2.6 Pulse Width Modulator (PWM) Signals
1
RESET
Input
(Schmitt)
Input
Reset—This input is a direct hardware reset on the processor.
When RESET is asserted low, the controller is initialized and placed
in the Reset state. A Schmitt trigger input is used for noise immunity.
When the RESET pin is deasserted, the initial chip operating mode
is latched from the EXTBOOT pin. The internal reset signal will be
deasserted synchronous with the internal clocks, after a fixed
number of internal clocks.
To ensure a complete hardware reset, RESET and TRST should be
asserted together. The only exception occurs in a debugging
environment when a hardware device reset is required and it is
necessary not to reset the OnCE/JTAG module. In this case, assert
RESET, but do not assert TRST.
1
EXTBOOT
Input
(Schmitt)
Input
External Boot—This input is tied to VDD to force device to boot from
off-chip memory. Otherwise, it is tied to VSS.
Table 2-10 Pulse Width Modulator (PWMA) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
6
PWMA0
–5
Output
Tri-stated
PWMA0
–5— These are six PWMA output pins.
3
ISA0
–2
Input
(Schmitt)
Input
ISA0
–2— These three input current status pins are used for
top/bottom pulse width correction in complementary channel
operation for PWMA.
3
FAULTA0
–2
Input
(Schmitt)
Input
FAULTA0
–2— These three fault input pins are used for disabling
selected PWMA outputs in cases where fault conditions originate
off-chip.
Table 2-9 Interrupt and Program Control Signals (Continued)
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com