Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3600G/68 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3600G/68
Description  3M™ Round, Shielded/Jacketed, Disc. Wire Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3600G/68 Datasheet(HTML) 2 Page - 3M Electronics

  3600G/68 Datasheet HTML 1Page - 3M Electronics 3600G/68 Datasheet HTML 2Page - 3M Electronics 3600G/68 Datasheet HTML 3Page - 3M Electronics 3600G/68 Datasheet HTML 4Page - 3M Electronics 3600G/68 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round, Shielded/Jacketed, Disc. Wire Cable
28 AWG Stranded, Twisted Pair, PVC/PVC
3600X Series
TS-0388-B
Sheet 2 of 2
Ordering Information
3600X / XX XX
Inch
[mm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.05 ±.010
[ ] Dimensions for Reference Only
Note: Available in standard 100 ft, 200 ft and
300 ft rolls, please specify when ordering.
Contact 3M for availability of additional
conductor counts and/or custom roll lengths.
Number of
Conductors
3M Part Number Dimension A
14 (7 pair)
3600X/14
.22 [ 5.6 ]
20 (10 pair)
3600X/20
.24 [ 6.1 ]
24 (12 pair)
3600X/24
.25 [ 6.4 ]
26 (13 pair)
3600X/26
.25 [ 6.4 ]
36 (18 pair)
3600X/36
.29 [ 7.4 ]
40 (20 pair)
3600X/40
.30 [ 7.6 ]
50 (25 pair)
3600X/50
.32 [ 8.1 ]
68 (34 pair)
3600X/68
.36 [ 9.1 ]
80 (40 pair)
3600X/80
.39 [ 9.9 ]
100 (50 pair)
3600X/100
.44 [ 11.2 ]
C
Pair Identification
Pair Cond
1st Conductor
Cond
2nd Conductor
Pair Cond
1st Conductor
Cond
2nd Conductor
Solid
Band
Solid
Band
Solid
Band
Solid
Band
1
1
Black
Red
2
Red
Black
26
51
Brown Yellow
52
Yellow
Brown
2
3
Black
White
4
White
Black
27
53
Brown Orange
54
Orange Brown
3
5
Black
Green
6
Green
Black
28
55
Orange Yellow
56
Yellow Orange
4
7
Black
Blue
8
Blue
Black
29
57
Violet Orange
58
Orange Violet
5
9
Black
Yellow
10
Yellow
Black
30
59
Violet
Red
60
Red
Violet
6
11
Black
Brown
12
Brown
Black
31
61
Violet
White
62
White
Violet
7
13
Black Orange
14
Orange Black
32
63
Violet
Green
64
Green
Violet
8
15
Red
White
16
White
Red
33
65
Violet
Blue
66
Blue
Violet
9
17
Red
Green
18
Green
Red
34
67
Violet
Yellow
68
Yellow
Violet
10
19
Red
Blue
20
Blue
Red
35
69
Violet
Brown
70
Brown
Violet
11
21
Red
Yellow
22
Yellow
Red
36
71
Violet
Black
72
Black
Violet
12
23
Red
Brown
24
Brown
Red
37
73
Gray
White
74
White
Gray
13
25
Red
Orange
26
Orange
Red
38
75
Gray
Brown
76
Brown
Gray
14
27
Green
White
28
White
Green
39
77
Gray
Red
78
Red
Gray
15
29
Green
Blue
30
Blue
Green
40
79
Gray
Orange
80
Orange
Gray
16
31
Green
Yellow
32
Yellow Green
41
81
Gray
Yellow
82
Yellow
Gray
17
33
Green
Brown
34
Brown Green
42
83
Gray
Green
84
Green
Gray
18
35
Green Orange
36
Orange Green
43
85
Gray
Blue
86
Blue
Gray
19
37
White
Blue
38
Blue
White
44
87
Tan
Orange
88
Orange
Tan
20
39
White
Yellow
40
Yellow
White
45
89
Tan
Green
90
Green
Tan
21
41
White
Brown
42
Brown
White
46
91
Tan
Black
92
Black
Tan
22
43
White Orange
44
Orange White
47
93
Tan
Blue
94
Blue
Tan
23
45
Blue
Yellow
46
Yellow
Blue
48
95
Tan
White
96
White
Tan
24
47
Blue
Brown
48
Brown
Blue
49
97
Tan
Yellow
98
Yellow
Tan
25
49
Blue
Orange
50
Orange
Blue
50
99
Tan
Brown
100
Brown
Tan
.026 [ 0.66 ] Min
PVC Jacket
Release Paper
Braid
Cable: Twisted
Pairs
Release Paper
(Mfgr. Option)
Film Foil
28 AWG, 7 X 36 AWG [7 X ø 0.127]
Tinned Stranded Copper Conductors
øA
Cable:
Twisted Pairs
Braid
Film Foil
ø.026 ± .002
[ 0.66 ]
Discrete Wire
Detail
Number of Conductors
(See Table)
Jacket Color Options:
A = Black Jacket (Special)
B = Beige Jacket (Standard)
G = Gray Jacket (Special)
Blank = Standard
SF = Splice Free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com