Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3U Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATSAM3U
Description  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATSAM3U_10 Datasheet HTML 45Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 46Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 47Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 48Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 49Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 50Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 51Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 52Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
49
6430CS–ATARM–09-Apr-10
SAM3U Series
12. Embedded Peripherals Overview
12.1
Serial Peripheral Interface (SPI)
• Supports communication with serial external devices
– Four chip selects with external decoder support allow communication with up to 15
peripherals
– Serial memories, such as DataFlash and 3-wire EEPROMs
– Serial peripherals, such as ADCs, DACs, LCD Controllers, CAN Controllers and
Sensors
– External co-processors
• Master or slave serial peripheral bus interface
– 8- to 16-bit programmable data length per chip select
– Programmable phase and polarity per chip select
– Programmable transfer delays between consecutive transfers and between clock
and data per chip select
– Programmable delay between consecutive transfers
– Selectable mode fault detection
• Very fast transfers supported
– Transfers with baud rates up to MCK
– The chip select line may be left active to speed up transfers on the same device
12.2
Two Wire Interface (TWI)
• Master, Multi-Master and Slave Mode Operation
• Compatibility with Atmel two-wire interface, serial memory and I
2C compatible devices
• One, two or three bytes for slave address
• Sequential read/write operations
• Bit Rate: Up to 400 kbit/s
• General Call Supported in Slave Mode
• Connecting to PDC channel capabilities optimizes data transfers in Master Mode only
– One channel for the receiver, one channel for the transmitter
– Next buffer support
12.3
Universal Asynchronous Receiver Transceiver (UART)
•Two-pin UART
– Implemented features are 100% compatible with the standard Atmel USART
– Independent receiver and transmitter with a common programmable Baud Rate
Generator
– Even, Odd, Mark or Space Parity Generation
– Parity, Framing and Overrun Error Detection
– Automatic Echo, Local Loopback and Remote Loopback Channel Modes
– Support for two PDC channels with connection to receiver and transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com