Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3U2CA-CU Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATSAM3U2CA-CU
Description  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U2CA-CU Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATSAM3U2CA-CU Datasheet HTML 24Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 25Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 26Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 27Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 28Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 29Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 30Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 31Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
28
6430CS–ATARM–09-Apr-10
SAM3U Series
7.6
DMA Controller
• Acting as one Matrix Master
• Embeds 4 channels:
– 3 channels with 8 bytes/FIFO for Channel Buffering
– 1 channel with 32 bytes/FIFO for Channel Buffering
• Linked List support with Status Write Back operation at End of Transfer
• Word, HalfWord, Byte transfer support.
• Handles high speed transfer of SPI, SSC and HSMCI (peripheral to memory, memory to
peripheral)
• Memory to memory transfer
• Can be triggered by PWM and T/C which enables to generate waveforms though the
External Bus Interface
The DMA controller can handle the transfer between peripherals and memory and so receives
the triggers from the peripherals listed below. The hardware interface numbers are also given in
Table 7-4 below.
7.7
Peripheral DMA Controller
•
Handles data transfer between peripherals and memories
•
Nineteen channels
–
Two for each USART
–
Two for the UART
–
Two for each Two Wire Interface
–
One for the PWM
–
One for each Analog-to-digital Converter
•
Low bus arbitration overhead
– One Master Clock cycle needed for a transfer from memory to peripheral
– Two Master Clock cycles needed for a transfer from peripheral to memory
•
Next Pointer management for reducing interrupt latency requirement
Table 7-4.
DMA Controller
Instance name
Channel T/R
DMA Channel HW interface
Number
HSMCI
Transmit/Receive
0
SPI
Transmit
1
SPI
Receive
2
SSC
Transmit
3
SSC
Receive
4
PWM Event Line 0
Trigger
5
PWM Event Line 1
Trigger
6
TIO Output of TImer
Counter Channel 0
Trigger
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com