Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DL100-7PCBA3 Datasheet(PDF) 1 Page - Pacific Silicon Sensor,Inc.

Part # DL100-7PCBA3
Description  DUAL AXIS PSD SUM AND DIFFERENCE AMPLIFIER SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

DL100-7PCBA3 Datasheet(HTML) 1 Page - Pacific Silicon Sensor,Inc.

  DL100-7PCBA3 Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. DL100-7PCBA3 Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. DL100-7PCBA3 Datasheet HTML 3Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
DL100-7PCBA3
DUAL AXIS PSD SUM AND DIFFERENCE AMPLIFIER SPECIFICATION
5700 Corsa Avenue, #105 • Westlake Village, CA 91362
Tel: (818) 706-3400 • Fax (818) 889-7053
Email: sales@pacific-sensor.com • www.pacific-sensor.com
Mechanical Outline
ALL DIMENSIONS IN INCHES
Block Diagram
– PHDBIAS (OPTIONAL) PIN 1
V(y) DIFFERENCE PIN 3
V(y) SUM PIN 5
+15V PIN 7
–15V PIN 9
ANALOG GROUND PIN 8
V(x) DIFFERENCE PIN 4
V(x) SUM PIN 6
+ PHDBIAS (OPTIONAL) PIN 2
ANODE 1
0.13
0.10 DIA 2 PLACES
1.65
0.13
0.13
0.56
Y
OPTICAL
CENTER
PIN
1
2
3
4
5
6
7
8
9
FUNCTION
OPTIONAL –BIAS
OPTIONAL +BIAS
Y VOLTAGE OUT
X VOLTAGE OUT
ANODE SUM (Y)
CATHODE SUM (X)
+15 VOLTS
SIGNAL AND
POWER COMMON
–15 VOLTS
0.13
0.065
1.13
0.76
1 2 3 4 5 6 7 8 9
PINS 1-9 ON 0.100" CENTERS
ANODE 2
DIFF
+15V
–15V
–15V
J1
AGND
SUM
DIFF
SUM
+15V
CATHODE 1
CATHODE 2
PSS-DL100-7-CER
J2
The DL100-7PCBA3 is a dual axis position
sensing diode with sum and difference amplifiers. It
contains internal bias circuitry of 14.3 volts for the
position sensing diode, or the user can externally
apply a bias voltage. The board has a 9 pin
connector for easy hook up.
Outputs are bipolar voltage analogs of the X and Y
position of the light spot centroid, as well as the
total X current and the total Y current. The sum
outputs may be used to externally normalize the X
and Y difference outputs. By normalizing the X and
Y signals, they become independent of fluctuations
in light spot intensity.
SPECIFICATIONS
Power supply voltage Vs: min ± 10 volts;
max ± 18 volts; recommended ± 15 volts
Maximum ± output voltage: +Vs –3; –Vs +3
Maximum output current limit: 25 ma
Maximum external bias: –Vs –10 volts;
+Vs +10 volts
Maximum slew rate: 10 volts per microsecond
Theoretical noise: 15 nV Hz–1/2
Operating temperature: 0 to 70°C
–3db bandwidth: 257 kHz
Resolution (bias dependent): ≥ 0.5 µm
Linearity (bias dependent): ±1% of full scale
Maximum light intensity: 1.5 W/cm2
See DL100-7PCBA application notes.
Version: 111306
Page 1 of 3


Similar Part No. - DL100-7PCBA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL100-7-KER ETC1-DL100-7-KER Datasheet
217Kb / 2P
Position Sensing Photodiodes Special characteristics
More results

Similar Description - DL100-7PCBA3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
Video Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8273 AD-AD8273 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
1/08-Revision 0
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
Dual-Channel, Audio Difference Amplifier
1/08-Revision 0
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
REV. 0
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
Precision Dual-Channel Difference Amplifier
May-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com