Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTB30P06VT4 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTB30P06VT4
Description  Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB30P06VT4 Datasheet(HTML) 2 Page - ON Semiconductor

  MTB30P06VT4 Datasheet HTML 1Page - ON Semiconductor MTB30P06VT4 Datasheet HTML 2Page - ON Semiconductor MTB30P06VT4 Datasheet HTML 3Page - ON Semiconductor MTB30P06VT4 Datasheet HTML 4Page - ON Semiconductor MTB30P06VT4 Datasheet HTML 5Page - ON Semiconductor MTB30P06VT4 Datasheet HTML 6Page - ON Semiconductor MTB30P06VT4 Datasheet HTML 7Page - ON Semiconductor MTB30P06VT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTB30P06V
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
−
−
62
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
−
−
−
−
10
100
mAdc
Gate−Body Leakage Current (VGS = ± 15 Vdc, VDS = 0 Vdc)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
−
2.6
5.3
4.0
−
Vdc
mV/
°C
Static Drain−Source On−Resistance (VGS = 10 Vdc, ID = 15 Adc)
RDS(on)
−
0.067
0.08
W
Drain−Source On−Voltage
(VGS = 10 Vdc, ID = 30 Adc)
(VGS = 10 Vdc, ID = 15 Adc, TJ = 150°C)
VDS(on)
−
−
2.0
−
2.9
2.8
Vdc
Forward Transconductance
(VDS = 8.3 Vdc, ID = 15 Adc)
gFS
5.0
7.9
−
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
Ciss
−
1562
2190
pF
Output Capacitance
Coss
−
524
730
Transfer Capacitance
Crss
−
154
310
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 30 Adc,
VGS = 10 Vdc, RG = 9.1 W)
td(on)
−
14.7
30
ns
Rise Time
tr
−
25.9
50
Turn−Off Delay Time
td(off)
−
98
200
Fall Time
tf
−
52.4
100
Gate Charge
(See Figure 8)
(VDS = 48 Vdc, ID = 30 Adc,
VGS = 10 Vdc)
QT
−
54
80
nC
Q1
−
9.0
−
Q2
−
26
−
Q3
−
20
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 30 Adc, VGS = 0 Vdc)
(IS = 30 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
−
−
2.3
1.9
3.0
−
Vdc
Reverse Recovery Time
(IS = 30 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
−
175
−
ns
ta
−
107
−
tb
−
68
−
Reverse Recovery Stored Charge
QRR
−
0.965
−
mC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
LD
−
3.5
4.5
−
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
−
7.5
−
nH
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com