Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MV8331 Datasheet(PDF) 2 Page - QT Optoelectronics

Part # MV8331
Description  SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV8331 Datasheet(HTML) 2 Page - QT Optoelectronics

  MV8331 Datasheet HTML 1Page - QT Optoelectronics MV8331 Datasheet HTML 2Page - QT Optoelectronics MV8331 Datasheet HTML 3Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
0
1020
30
4050
100
90
80
70
60
50
40
30
20
10
0
1.0
1.5
2.0
2.5
3.0
VF - FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
TYPICAL PERFORMANCE CURVES
SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
2 of 3
1/4/00
300017A
SUPER YELLOW
MV833X
MV8331 MV8332
MV8333
Part Number
MV8331
MV8332
MV8333
Condition
Luminous Intensity (mcd)
IF = 20mA
Minimum
400
630
1000
Typical
630
940
1500
Forward Voltage (V)
IF = 20mA
Maximum
2.8
2.8
2.8
Typical
2.1
2.1
2.1
Peak Wavelength (nm)
590
590
590
IF = 20mA
Spectral Line Half Width (nm)
15
15
15
IF = 20mA
Viewing Angle (°)30
30
30
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com