Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALM-38140 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-38140
Description  50MHz - 4GHz PIN Diode Variable Attenuator Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-38140 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-38140 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-38140 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-38140 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-38140 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-38140 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-38140 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-38140 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-38140 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-38140 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
ALM-80210 Absolute Maximum Rating [1] TA = 25°C
Symbol
Parameter
Unit
Absolute Maximum
Isupply, max
Supply Current
mA
18.0
Icontrol, max
Control Current
mA
33.4
Pin, max
RF Input Power
dBm
27dBm CW, 36dBm with
12.5% duty cycle
Pdiss
Total Power Dissipation
W
0.3
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-60 to 150
Thermal Resistance [2]
θjc = 106.3°C/W
(Vc = 1V, Vsupply = 2.7V, Tc = 85°C)
Notes:
1. Operation in excess of any one of these
limits may result in permanent damage to the
device.
2. Thermal resistance is measured from junction
to case using Infra-Red method.
Electrical Specifications, Vsupply = 2.7V, TA = 25°C, Z0 = 50Ω
Symbol
Parameter and Test Condition
Frequency (MHz)
Unit
Min
Typ
Max
Isupply
Supply Current drain (Vcontrol = 1V)
mA
–
2.5
–
Icontrol
Control Current drain (Vcontrol = 5V)
mA
–
20.5
–
S21
Maximum Attenuation (Vcontrol = 1V)
900
dB
–
42.0
–
S21
Maximum Attenuation (Vcontrol = 1V)
1900
dB
36.0
39.0
–
S21
Insertion Loss (Vcontrol = 5V)
900
dB
–
2.8
–
S21
Insertion Loss (Vcontrol = 5V)
1900
dB
–
3.2
3.7
Dynamic Range
900
dB
–
38
–
Dynamic Range
1900
dB
33
36.5
–
IRL
Input Return Loss (Vcontrol = 5V)
1900
dB
10
14.5
–
ORL
Output Return Loss (Vcontrol = 5V)
1900
dB
10
13.5
–
IIP3 [5]
Input Third Order Intercept Point
900
dBm
–
50
–
IIP3 [5]
Input Third Order Intercept Point
1900
dBm
–
50
–
IP1dB [6]
Input Power at P1dB Compression (Vcontrol = 5V)
900
dBm
–
32
–
IP1dB [6]
Input Power at P1dB Compression (Vcontrol = 5V)
1900
dBm
–
33
–
Phase Shift (Vcontrol = 1V)
1900
degrees
–
10.5
–
Notes:
4. Data above is obtained using demo board shown in Figure 32 and 33.
5. 2-tone IIP3 test condition: FRF1, FRF2 = 1.1MHz separation, Input power = 22dBm
6. IP1dB measured with 12.5% duty cycle.
7. The performance above obtained with phase compensation inductor value based on the table 1 below.
8. Use proper biasing, heat sink and de-rating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and
application note (if applicable) for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com