Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8718 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8718
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8718 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC8718 Datasheet HTML 17Page - Texas Instruments DAC8718 Datasheet HTML 18Page - Texas Instruments DAC8718 Datasheet HTML 19Page - Texas Instruments DAC8718 Datasheet HTML 20Page - Texas Instruments DAC8718 Datasheet HTML 21Page - Texas Instruments DAC8718 Datasheet HTML 22Page - Texas Instruments DAC8718 Datasheet HTML 23Page - Texas Instruments DAC8718 Datasheet HTML 24Page - Texas Instruments DAC8718 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
4
3
2
1
0
-1
-2
-3
-4
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
AV
= AV
(V)
-
DD
SS
INLMax
DV
DD =IOVDD =4.5V
V
=2.048V
REF
Gain=4
INLMin
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
AV
=
DD
SS
-AV
(V)
DNLMax
DV
DD
DD
=IOV
=4.5V
V
=2.048V
REF
Gain=4
DNLMin
5
4
3
2
1
0
-1
-2
-3
-4
-5
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
A
V
V
= A
(V)
-
DD
SS
DV
=IOV
=4.5V
DD
DD
V
=2.048V
REF
Gain=4
Ch0
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
5
4
3
2
1
0
-1
-2
-3
-4
-5
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
AV
= AV
(V)
DD
SS
-
DV
DD =IOVDD =4.5V
V
=2.048V
REF
Gain=4
Ch0
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
5
4
3
2
1
0
-1
-2
-3
-4
-5
1.5
1.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
V
(V)
REF
AV
DD =+18V
AV
= -
SS
18V
Ch0
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
5
4
3
2
1
0
-1
-2
-3
-4
-5
1.5
1.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
V
(V)
REF
AV
DD =+18V
AV
= -
SS
18V
Gain=4
Ch0
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
DAC8718
www.ti.com
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS: Bipolar (continued)
At TA = 25°C, AVDD = 16.5V, AVSS = –16.5V, VREF = IOVDD = DVDD = 5V, gain = 6, data format=USB, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs AVDD AND AVSS
vs AVDD AND AVSS
Figure 21.
Figure 22.
BIPOLAR ZERO ERROR
BIPOLAR GAIN ERROR
vs AVDD AND AVSS
vs AVDD AND AVSS
Figure 23.
Figure 24.
BIPOLAR ZERO ERROR
BIPOLAR ZERO ERROR
vs REFERENCE VOLTAGE
vs REFERENCE VOLTAGE
Figure 25.
Figure 26.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC8718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com