Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2950-33LPRE3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950-33LPRE3
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950-33LPRE3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2950-33LPRE3 Datasheet HTML 2Page - Texas Instruments LP2950-33LPRE3 Datasheet HTML 3Page - Texas Instruments LP2950-33LPRE3 Datasheet HTML 4Page - Texas Instruments LP2950-33LPRE3 Datasheet HTML 5Page - Texas Instruments LP2950-33LPRE3 Datasheet HTML 6Page - Texas Instruments LP2950-33LPRE3 Datasheet HTML 7Page - Texas Instruments LP2950-33LPRE3 Datasheet HTML 8Page - Texas Instruments LP2950-33LPRE3 Datasheet HTML 9Page - Texas Instruments LP2950-33LPRE3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LP2950
LP2951
SLVS582F – APRIL 2006 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = VOUT (nominal) + 1 V, IL = 100 μA, CL = 1 μF (5-V versions) or CL = 2.2 μF (3-V and 3.3-V versions),
8-pin version: FEEDBACK tied to VTAP, OUTPUT tied to SENSE, VSHUTDOWN ≤ 0.7 V
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
(LP2951-xx) 8-PIN VERSION ONLY ADJ
25°C
1.218
1.235
1.252
–40°C to 125°C
1.212
1.257
Reference voltage
V
VOUT = VREF to (VIN – 1 V),
VIN = 2.3 V to 30 V,
–40°C to 125°C
1.200
1.272
IL = 100 μA to 100 mA
Reference voltage
25°C
20
ppm/°C
temperature coefficient(5)
25°C
20
40
FEEDBACK bias current
nA
–40°C to 125°C
60
FEEDBACK bias current
25°C
0.1
nA/°C
temperature coefficient
ERROR COMPARATOR
25°C
0.01
1
Output leakage current
VOUT = 30 V
μA
–40°C to 125°C
2
25°C
150
250
VIN = VOUT(NOM) – 0.5 V,
Output low voltage
mV
IOL = 400 μA
–40°C to 125°C
400
25°C
40
60
Upper threshold voltage
mV
(ERROR output high)(6)
–40°C to 125°C
25
25°C
75
95
Lower threshold voltage
mV
(ERROR output low)(6)
–40°C to 125°C
140
Hysteresis(6)
25°C
15
mV
SHUTDOWN INPUT
Low (regulator ON)
0.7
Input logic voltage
–40°C to 125°C
V
High (regulator OFF)
2
25°C
30
50
VTAP = 2.4 V
–40°C to 125°C
100
SHUTDOWN input current
μA
25°C
450
600
VTAP = 30 V
–40°C to 125°C
750
VSHUTDOWN ≥ 2 V,
25°C
3
10
Regulator output current
VIN ≤ 30 V, VOUT = 0,
μA
in shutdown
–40°C to 125°C
20
FEEDBACK tied to VTAP
(5)
Output or reference voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range.
(6)
Comparator thresholds are expressed in terms of a voltage differential equal to the nominal reference voltage (measured at
VIN – VOUT = 1 V) minus FEEDBACK terminal voltage. To express these thresholds in terms of output voltage change, multiply by the
error amplifier gain = VOUT/VREF = (R1 + R2)/R2. For example, at a programmed output voltage of 5 V, the ERROR output is specified to
go low when the output drops by 95 mV × 5 V/1.235 V = 384 mV. Thresholds remain constant as a percentage of VOUT (as VOUT is
varied), with the low-output warning occurring at 6% below nominal (typ) and 7.7% (max).
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com