Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP2C8 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP2C8
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 9Page - Altera Corporation EP2C8 Datasheet HTML 10Page - Altera Corporation EP2C8 Datasheet HTML 11Page - Altera Corporation EP2C8 Datasheet HTML 12Page - Altera Corporation EP2C8 Datasheet HTML 13Page - Altera Corporation EP2C8 Datasheet HTML 14Page - Altera Corporation EP2C8 Datasheet HTML 15Page - Altera Corporation EP2C8 Datasheet HTML 16Page - Altera Corporation EP2C8 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–13
Functional Description
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Table 1–5 summarizes the concurrent PS configuration modes supported in the
enhanced configuration device.
f For configuration schematics and more information about concurrent configurations,
refer to the appropriate FPGA family chapter in the Configuration Handbook.
External Flash Interface
The enhanced configuration devices support external FPGA or processor access to its
flash memory. The unused portions of the flash memory can be used by the external
device to store code or data. This interface can also be used in systems that implement
remote configuration capabilities. Configuration data within a particular
configuration page can be updated via the external flash interface and the system
could be reconfigured with the new FPGA image. This interface is also useful to store
Nios boot code, application code, or both.
f For more information about the Stratix remote configuration feature, refer to the
Remote System Configuration with Stratix & Stratix GX Devices chapter in the Stratix
Device Handbook.
The address, data, and control ports of the flash memory are internally connected to
the enhanced configuration device controller and to external device pins. An external
source can drive these external device pins to access the flash memory when the flash
interface is available.
This external flash interface is a shared bus interface with the configuration controller
chip. The configuration controller is the primary bus master. Since there is no bus
arbitration support, the external device can only access the flash interface when the
controller has tri-stated its internal interface to the flash. Simultaneous access by the
controller and the external device will cause contention, and result in configuration
and programming failures.
Since the internal flash interface is directly connected to the external flash interface
pins, controller flash access cycles will toggle the external flash interface pins. The
external device must be able to tri-state its flash interface during these operations and
ignore transitions on the flash interface pins.
Table 1–5. Enhanced Configuration Devices in PS Mode
Mode Name
Mode (n =) (1)
Used Outputs
Unused Outputs
Passive serial mode
1
DATA0
DATA[7..1]
drive low
Multi-device passive
serial mode
2
DATA[1..0]
DATA[7..2]
drive low
Multi-device passive
serial mode
4
DATA[3..0]
DATA[7..4]
drive low
Multi-device passive
serial mode
8
DATA[7..0]
—
Note to Table 1–5:
(1) This is the number of valid DATA outputs for each configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com