Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC138ADE4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC138ADE4
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC138ADE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC138ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 10Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 11Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 12Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 13Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 14Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 15Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 16Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
OR
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74LVC138ADBR
SSOP
DB
16
2000
346.0
346.0
33.0
SN74LVC138ADGVR
TVSOP
DGV
16
2000
346.0
346.0
29.0
SN74LVC138ADR
SOIC
D
16
2500
333.2
345.9
28.6
SN74LVC138AGQNR
BGA MICROSTAR
JUNIOR
GQN
20
1000
346.0
346.0
29.0
SN74LVC138AGQNR
BGA MICROSTAR
JUNIOR
GQN
20
1000
340.5
338.1
20.6
SN74LVC138ANSR
SO
NS
16
2000
346.0
346.0
33.0
SN74LVC138APWR
TSSOP
PW
16
2000
346.0
346.0
29.0
SN74LVC138ARGYR
VQFN
RGY
16
3000
346.0
346.0
29.0
SN74LVC138AZQNR
BGA MICROSTAR
JUNIOR
ZQN
20
1000
340.5
338.1
20.6
SN74LVC138AZQNR
BGA MICROSTAR
JUNIOR
ZQN
20
1000
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Jul-2010
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25