Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCM61002 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM61002
Description  Two Output, Integrated VCO, Low-Jitter Clock Generator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCM61002 Datasheet HTML 19Page - Texas Instruments CDCM61002 Datasheet HTML 20Page - Texas Instruments CDCM61002 Datasheet HTML 21Page - Texas Instruments CDCM61002 Datasheet HTML 22Page - Texas Instruments CDCM61002 Datasheet HTML 23Page - Texas Instruments CDCM61002 Datasheet HTML 24Page - Texas Instruments CDCM61002 Datasheet HTML 25Page - Texas Instruments CDCM61002 Datasheet HTML 26Page - Texas Instruments CDCM61002 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
CDCM61002
www.ti.com
SCAS870D – FEBRUARY 2009 – REVISED JULY 2010
The CDCM61002 start-up time limits, tMAX and tMIN, can be calculated as follows:
tMAX = tpuh + trsu + tdelay + tVCO_CAL + tPLL_LOCK
tMIN = tpul + trsu + tdelay + tVCO_CAL + tPLL_LOCK
Power Considerations
As a result of the different possible configurations of the CDCM61002, Table 11 is intended to provide enough
information on the estimated current consumption of the device. Unless otherwise noted, VCC = 3.3 V and TA =
+25°C.
Table 11. Estimated Block Power Consumption
EXTERNAL
RESISTOR
POWER
CURRENT CONSUMPTION
IN-DEVICE POWER DISSIPATION
DISSIPATION
BLOCK
CONDITION
(mA)
(mW)
(mW)
Entire device,
Output off, no termination
65
214.5
core current
resistors
LVPECL output, active mode
28
42.4
50
LVCMOS output pair, static
4.5
14.85
LVCMOS output pair,
Output buffer
transient, 'CL' load, 'f' MHz
V × fOUT × (CL + 20 × 10
–12) × 103
V2 × fOUT × (CL + 20 × 10
–12) × 103
output frequency
LVDS output, active mode
20
66
Divide enabled, divide = 1
5
16.5
Divide enabled, divide = 2
10
33
Divide circuitry
Divide enabled, divide = 3, 4
15
49.5
Divide enabled, divide = 6, 8
20
66
From Table 11, the current consumption can be calculated for any configuration. For example, the current for the
entire device with one LVPECL output in active mode can be calculated by adding up the following blocks: core
current, LVPECL output buffer current, and the divide circuitry current. The overall in-device power consumption
can also be calculated by summing the in-device power dissipated in each of these blocks.
As an example scenario, let us consider the use case of a crystal input frequency of 25 MHz and device output
frequency of 312.5 MHz in LVPECL mode. For this case, the typical overall power dissipation can be calculated
as:
3.3 V × (65 + 2 × 28 + 10) mA = 429 mW
Because the LVPECL output has external resistors and the power dissipated by these resistors is 50 mW, the
typical overall in-device power dissipation is:
439 mW – 2 × 50 mW = 339 mW
When the LVPECL output is active, the average voltage is approximately 1.9 V on each output as calculated
from the LVPECL VOH and VOL specifications. Therefore, the power dissipated in each emitter resistor is
approximately (1.9 V)2/150
Ω = 25 mW.
When the LVCMOS output is active and drives a load capacitance, CL, the overall LVCMOS output current
consumption is the sum of a static pre-driver current and a dynamic switching current (which is a function of the
output frequency and the load capacitance).
Let us consider another use case of a crystal input frequency of 26.5625 MHz and device output frequency of
212.5 MHz in LVCMOS mode and driving a 5-pF load capacitance. For this case, the typical overall power
dissipation can be calculated as:
3.3 V × (65 + 15 + 2 × 21.4) mA = 405.24 mW
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): CDCM61002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35