Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP0900SCMCT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NP0900SCMCT3G
Description  100A, Ultra Low Capacitance TSPD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP0900SCMCT3G Datasheet(HTML) 2 Page - ON Semiconductor

  NP0900SCMCT3G Datasheet HTML 1Page - ON Semiconductor NP0900SCMCT3G Datasheet HTML 2Page - ON Semiconductor NP0900SCMCT3G Datasheet HTML 3Page - ON Semiconductor NP0900SCMCT3G Datasheet HTML 4Page - ON Semiconductor NP0900SCMCT3G Datasheet HTML 5Page - ON Semiconductor NP0900SCMCT3G Datasheet HTML 6Page - ON Semiconductor NP0900SCMCT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NP−SCMC Series
http://onsemi.com
2
SURGE RATINGS
IPPS
A
ITSM
A
di/dt
Waveform (ms)
2x10
8x20
10x160
10x560
10x360
10x1000
5x310
0.1 s
60 Hz
A/ms
Value
500
400
200
120
150
100
200
30
500
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Rating
Value
Unit
VDRM
Repetitive peak off−state voltage: Rated maximum
(peak) continuous voltage that may be applied in the
off−state conditions including all dc and repetitive
alternating voltage components.
NP0640SCMCT3G
$58
V
NP0720SCMCT3G
$65
NP0900SCMCT3G
$75
NP1100SCMCT3G
$90
NP1300SCMCT3G
$120
NP1500SCMCT3G
$140
NP1800SCMCT3G
$170
NP2100SCMCT3G
$180
NP2300SCMCT3G
$190
NP2600SCMCT3G
$220
NP3100SCMCT3G
$275
NP3500SCMCT3G
$320
IPPS
Nonrepetitive peak pulse current: Rated maximum
value of peak impulse pulse current that may be
applied.
2x10 ms, GR−1089−CORE
500
A
8x20 ms, IEC−61000−4−5
400
10x160 ms, TIA−968−A
200
10x560 ms, TIA−968−A
120
10x360 ms, GR−1089−CORE
150
10x1000 ms, GR−1089−CORE
100
5x310 ms, ITU−K.20/K.21/K.45
200
ITSM
Nonrepetitive peak on−state current: Rated
maximum (peak) value of ac power frequency
on−state surge current which may be applied for a
specified time or number of ac cycles.
0.1s, 50/60 Hz, full sine wave
30
A
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com