Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3576 Datasheet(PDF) 3 Page - EPCOS

Part # B3576
Description  SAW RF filter Short range devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3576 Datasheet(HTML) 3 Page - EPCOS

  B3576 Datasheet HTML 1Page - EPCOS B3576 Datasheet HTML 2Page - EPCOS B3576 Datasheet HTML 3Page - EPCOS B3576 Datasheet HTML 4Page - EPCOS B3576 Datasheet HTML 5Page - EPCOS B3576 Datasheet HTML 6Page - EPCOS B3576 Datasheet HTML 7Page - EPCOS B3576 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 01, 2008
B3576
315.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
315.00
MHz
(center frequency between 3 dB pionts)
Minimum insertion attenuation
α
min
314.90 ...
315.10 MHz
3.3
4.8
dB
(including loss in matching coils)
Amplitude ripple (p-p)
314.92 ...
315.08 MHz
0.7
2.0
dB
314.90 ...
315.10 MHz
1.0
3.0
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
230.00 MHz
65
70
dB
230.00 ...
290.00 MHz
40
45
dB
290.00 ...
310.00 MHz
50
55
dB
310.00 ...
314.10 MHz
42
47
dB
315.90 ...
317.00 MHz
21
26
dB
317.00 ...
322.00 MHz
38
43
dB
322.00 ... 1000.00 MHz
55
60
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
470 || 2.0
Ω || pF
Output: ZOUT =ROUT || COUT
470 || 2.0
Ω || pF
Temperature coefficient of frequency 2)
2) Temperature dependance of f
C:fC(TA) = fC(T0) (1 + TCf(TA -T0)
2)
TCf
–0,03
ppm/K2
Frequency inversion point
T0
10—40
°C
Maximum ratings
Operable temperature range TA
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
Source power
PS
PS
10
12
dBm
dBm
source impedance 50
duty cycle 1:10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com