Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3669 Datasheet(PDF) 3 Page - EPCOS

Part # B3669
Description  SAW Tx filter W-CDMA IF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3669 Datasheet(HTML) 3 Page - EPCOS

  B3669 Datasheet HTML 1Page - EPCOS B3669 Datasheet HTML 2Page - EPCOS B3669 Datasheet HTML 3Page - EPCOS B3669 Datasheet HTML 4Page - EPCOS B3669 Datasheet HTML 5Page - EPCOS B3669 Datasheet HTML 6Page - EPCOS B3669 Datasheet HTML 7Page - EPCOS B3669 Datasheet HTML 8Page - EPCOS B3669 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
March 12, 2010
B3669
2140.00 MHz
SAW Components
SAW Tx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Nominal frequency
fN
2140,0
MHz
Maximum insertion attenuation
α
max
2110,0 ... 2170,0 MHz
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
2110,0 ... 2170,0 MHz
1,0
1,5
dB
Return loss
2110,0 ... 2170,0 MHz
9,0
11,0
dB
Attenuation
α
50,0 ... 1400,0 MHz
22,0
27,0
dB
1400,0 ... 1910,0 MHz
25,0
28,0
dB
1910,0 ... 1980,0 MHz
30,0
38,0
dB
2300,0 ... 3700,0 MHz
25,0
30,0
dB
3700,0 ... 5300,0 MHz
20,0
25,0
dB
5300,0 ... 5700,0 MHz
15,0
18,0
dB
Temperature coefficient of frequency
TCf
-35
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com