Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3725 Datasheet(PDF) 4 Page - EPCOS

Part # B3725
Description  SAW RF filter Short range devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3725 Datasheet(HTML) 4 Page - EPCOS

  B3725 Datasheet HTML 1Page - EPCOS B3725 Datasheet HTML 2Page - EPCOS B3725 Datasheet HTML 3Page - EPCOS B3725 Datasheet HTML 4Page - EPCOS B3725 Datasheet HTML 5Page - EPCOS B3725 Datasheet HTML 6Page - EPCOS B3725 Datasheet HTML 7Page - EPCOS B3725 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
January 19, 2009
B3725
869.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
869.0
MHz
Maximum insertion attenuation
α
max
868.0
...
870.0
MHz
2.5
4.0
dB
Amplitude ripple (p-p)
∆α
868.0
...
870.0
MHz
0.3
1.7
dB
Return loss (input / output)
868.0
...
870.0
MHz
10
20
dB
Attenuation
α
10.0
...
300.0
MHz
45
50
dB
300.0
...
845.0
MHz
40
45
dB
845.0
...
853.0
MHz
38
41
dB
879.0
...
883.0
MHz
15
30
dB
883.0
...
915.0
MHz
45
55
dB
915.0
...
945.0
MHz
40
45
dB
945.0
... 1200.0
MHz
45
55
dB
1200.0
... 2000.0
MHz
35
40
dB
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
0
V
Source power
Ps
13
dBm
source impedance 50
Source power
Ps
18
dBm
duty cycle 1:10,
868 MHz to 870 MHz
-40 ˚C to +85 ˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com