Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS4148 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # LS4148
Description  1N4148 Quadro MELF SIGNAL DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

LS4148 Datasheet(HTML) 1 Page - Rectron Semiconductor

  LS4148 Datasheet HTML 1Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RECTRON USA
1315 John Reed Court, Industry, CA 91745
Tel: (626) 333-3802 Fax: (626) 330-6296 www.rectron.com
SEMICONDUCTOR
TECHNICAL SPECIFICATION
LS4148
RECTRON
1N4148 Quadro MELF SIGNAL DIODE
Absolute Maximum Ratings (Ta=25
°C)
Items
Symbol
Ratings
Unit
Reverse Voltage
VR
75
V
Reverse Recovery
Time
trr
4
ns
Power Dissipation
3.33mW/
°C (25°C)
P
500
mW
Forward Current
IF
150
mA
Junction Temp.
Tj
-65 to 175
°C
Storage Temp.
Tstg
-65 to 175
°C
Mechanical Data
Items
Materials
Package
QUADRO MELF
Case
Hermetically sealed glass
Lead/Finish
Double stud/Solder Plating
Chip
Glass Passivated
Electrical Characteristics (Ta=25
°C)
Ratings
Symbol
Ratings
Unit
Minimum Breakdown Voltage
@IR= 100uA
BV
100
V
Peak Forward Surge Current
tp= 1
µsec.
IFsurge
2
A
Maximum Forward Voltage
IF= 10mA
VF
1.0
V
Maximum Reverse Current
VR= 20V
VR= 75V
VR= 20V, Tj= 150
°C
IR
0.025
5.0
50
uA
Maximum Junction Capacitance
VR= 0, f= 1 MHz
Cj
4
pF
Maximum Reverse Recovery Time
IF= 10mA, VR= 6V, IRR= 1mA, RL= 100
Ω
trr
4
ns
Maximum Thermal Resistance (on PC Board 50mm x 50mm x 1.6mm)
R
θJA
500
°C/W
Maximum Rectification Efficiency
Vrf= 2V, f= 100MHz
ην
0.45
%
o
r
d
a
u
Qo
r
d
a
u
Q
o
r
d
a
u
Q
o
r
d
a
u
Qo
r
d
a
u
Q
F
L
E
M
Dimensions in millimeters
3.5 +/- 0.2
1.5 +/-0.1
Glass
Cathode Identification


Similar Part No. - LS4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4148 VISHAY-LS4148 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Jinan Gude Electronic D...
LS4148 JGD-LS4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Semtech Corporation
LS4148 SEMTECH-LS4148 Datasheet
99Kb / 2P
Silicon Expitaxial Planar Diode?
logo
Diodes Incorporated
LS4148 DIODES-LS4148 Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30003 Rev. A-2
logo
Diotec Semiconductor
LS4148 DIOTEC-LS4148 Datasheet
65Kb / 2P
Surface Mount Silicon Planar Diodes
More results

Similar Description - LS4148

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MM4148 RECTRON-MM4148 Datasheet
22Kb / 1P
1N4148 mini-MELF SIGNAL DIODE
MM4150 RECTRON-MM4150 Datasheet
21Kb / 1P
1N4150 mini-MELF SIGNAL DIODE
MCL4448 RECTRON-MCL4448 Datasheet
39Kb / 1P
Micro- MELF SIGNAL DIODE
MM4448 RECTRON-MM4448 Datasheet
37Kb / 1P
mini- MELF SIGNAL DIODE
logo
Tak Cheong Electronics ...
TCLS4148 TAK_CHEONG-TCLS4148 Datasheet
90Kb / 3P
500mW QUADRO Mini-MELF Hermetically Sealed Glass Fast Switching Diodes
logo
WILLAS ELECTRONIC CORP
1N4148 WILLAS-1N4148 Datasheet
331Kb / 2P
1N4148 SIGNAL DIODE
LS4148 WILLAS-LS4148 Datasheet
477Kb / 1P
1N4148 Quadro MELF SIGNAL DIODE
MM4150 WILLAS-MM4150 Datasheet
479Kb / 1P
1N4150 mini-MELF SIGNAL DIODE
logo
List of Unclassifed Man...
1N4148-B ETC2-1N4148-B Datasheet
98Kb / 2P
1N4148 SIGNAL DIODE
logo
Continental Device Indi...
LS-34 CDIL-LS-34 Datasheet
354Kb / 3P
LS-34 Quadro MELF Glass Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com