Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTMFS4841N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4841N
Description  Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4841N Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4841N Datasheet HTML 1Page - ON Semiconductor NTMFS4841N Datasheet HTML 2Page - ON Semiconductor NTMFS4841N Datasheet HTML 3Page - ON Semiconductor NTMFS4841N Datasheet HTML 4Page - ON Semiconductor NTMFS4841N Datasheet HTML 5Page - ON Semiconductor NTMFS4841N Datasheet HTML 6Page - ON Semiconductor NTMFS4841N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2010
May, 2010 − Rev. 7
1
Publication Order Number:
NTMFS4841N/D
NTMFS4841N
Power MOSFET
30 V, 57 A, Single N−Channel, SO−8FL
Features
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• Optimized Gate Charge to Minimize Switching Losses
• These are Pb−Free Devices*
Applications
• Refer to Application Note AND8195/D
• CPU Power Delivery
• DC−DC Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1) Steady
State
Steady
State
TA = 25°C
ID
13.1
A
TA = 85°C
9.5
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.17
W
TA = 85°C
1.13
Continuous Drain
Current RqJA −
t = 10 sec
TA = 25°C
ID
19.9
A
TA = 85°C
14.4
Power Dissipation
RqJA, t v 10 sec
TA = 25°C
PD
5
W
TA = 85°C
2.6
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
8.3
A
TA = 85°C
6
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
0.87
W
TA = 85°C
0.45
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
57
A
TC = 85°C
41
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
41.7
W
TC = 85°C
21.7
Pulsed Drain
Current
tp=10ms
TA = 25°C
IDM
171
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
35
A
Drain to Source dV/dt
dV/dt
6
V/ns
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 24 V, VGS = 10 V,
IL = 19 Apk, L = 1.0 mH, RG = 25 W)
EAS
180
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
4841N
AYWWG
G
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
7.0 mW @ 10 V
57 A
11.4 mW @ 4.5 V
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
Device
Package
Shipping†
ORDERING INFORMATION
NTMFS4841NT1G
SO−8FL
(Pb−Free)
1500 /
Tape & Reel
NTMFS4841NT3G
SO−8FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D
*For additional information on our Pb−Free strategy
and soldering details, please download the ON
Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
(Note: Microdot may be in either location)


Similar Part No. - NTMFS4841N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
125Kb / 7P
Power MOSFET 30V 57A Single N-Channel, SO-8FL
May, 2012 ??Rev. 8
NTMFS4841NH ONSEMI-NTMFS4841NH Datasheet
144Kb / 7P
Power MOSFET 30 V, 59 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4841NHT1G ONSEMI-NTMFS4841NHT1G Datasheet
144Kb / 7P
Power MOSFET 30 V, 59 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4841NHT3G ONSEMI-NTMFS4841NHT3G Datasheet
144Kb / 7P
Power MOSFET 30 V, 59 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4841NT1G ONSEMI-NTMFS4841NT1G Datasheet
125Kb / 7P
Power MOSFET 30V 57A Single N-Channel, SO-8FL
May, 2012 ??Rev. 8
More results

Similar Description - NTMFS4841N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4955NT3G ONSEMI-NTMFS4955NT3G Datasheet
123Kb / 7P
Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
NTMFS4983NFT1G ONSEMI-NTMFS4983NFT1G Datasheet
121Kb / 7P
Power MOSFET 30 V, 106 A, Single N?묬hannel, SO?? FL
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com