Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PACUSB-U3R Datasheet(PDF) 5 Page - ON Semiconductor

Part # PACUSB-U3R
Description  Upstream USB Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-U3R Datasheet(HTML) 5 Page - ON Semiconductor

  PACUSB-U3R Datasheet HTML 1Page - ON Semiconductor PACUSB-U3R Datasheet HTML 2Page - ON Semiconductor PACUSB-U3R Datasheet HTML 3Page - ON Semiconductor PACUSB-U3R Datasheet HTML 4Page - ON Semiconductor PACUSB-U3R Datasheet HTML 5Page - ON Semiconductor PACUSB-U3R Datasheet HTML 6Page - ON Semiconductor PACUSB-U3R Datasheet HTML 7Page - ON Semiconductor PACUSB-U3R Datasheet HTML 8Page - ON Semiconductor PACUSB-U3R Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PACUSB-U1/U2/U3
Rev. 2 | Page 5 of 9 | www.onsemi.com
Application Information
The PACUSB-U1/U2/U3 is targeted for upstream USB ports (peripherals). It provides series termination, EMI
filtering, and ESD protection for the two USB data lines D+ and D-.
The USB Specification revision 1.1 provides for two data rates:
•
The Full Speed signaling bit rate at 12 Mbits per second, and
•
The Low Speed signaling bit rate at 1.5 Mbits per second.
The speed is selected by connecting one of the data lines (D+ or D-) to a 3.3V supply voltage via a 1.5k
Ω pull-
up resistor (R2).
Connections for Full Speed Operation
Full Speed devices have the pull-up resistor (R2) connected to the D+ data line, as shown in Full
Speed
Connection. Pin1 is tied to the D+ line of the USB controller. Pin 6 is connected to the D+ line on the USB
connector.
Connections for Low Speed Operation
Low Speed devices have the pull-up resistor (R2) connected to the D- data line, as shown in Low
Speed
Connection. Pin 1 is tied to the D- line of the USB controller; pin 6 is connected to the D- line on the USB
connector.
Figure 1. Full Speed Connection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com