Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B4166 Datasheet(PDF) 3 Page - EPCOS

Part # B4166
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4166 Datasheet(HTML) 3 Page - EPCOS

  B4166 Datasheet HTML 1Page - EPCOS B4166 Datasheet HTML 2Page - EPCOS B4166 Datasheet HTML 3Page - EPCOS B4166 Datasheet HTML 4Page - EPCOS B4166 Datasheet HTML 5Page - EPCOS B4166 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
April 16, 2009
SAW Components
B4166
1842,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= 25 +- 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
...1880,0
MHz
2,9
3,3
dB
Amplitude ripple (p-p)
∆α
1805,0
...1880,0
MHz
0,9
1,3
dB
Input VSWR
1805,0
...1880,0
MHz
2,0
2,2
Output VSWR
1805,0
...1880,0
MHz
2,2
2,4
Attenuation
α
10,0
... 370,0
MHz
40,0
43,5
dB
370,0
...1300,0
MHz
37,0
38,5
dB
1300,0
...1705,0
MHz
30,0
36,0
dB
1705,0
...1785,0
MHz
12,0
14,0
dB
1920,0
...1980,0
MHz
12,0
25,0
dB
1980,0
...2530,0
MHz
23,0
28,0
dB
2530,0
...2680,0
MHz
31,0
35,0
dB
2680,0
...3400,0
MHz
28,0
34,0
dB
3400,0
...3975,0
MHz
24,0
30,0
dB
3975,0
...4200,0
MHz
23,0
27,0
dB
4200,0
...4920,0
MHz
15,0
19,0
dB
4920,0
...5200,0
MHz
10,0
17,0
dB
5200,0
...6000,0
MHz
5,0
11,0
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com