Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B5045 Datasheet(PDF) 3 Page - EPCOS

Part # B5045
Description  GSM base station
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5045 Datasheet(HTML) 3 Page - EPCOS

  B5045 Datasheet HTML 1Page - EPCOS B5045 Datasheet HTML 2Page - EPCOS B5045 Datasheet HTML 3Page - EPCOS B5045 Datasheet HTML 4Page - EPCOS B5045 Datasheet HTML 5Page - EPCOS B5045 Datasheet HTML 6Page - EPCOS B5045 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
January 12, 2009
B5045
201.0 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
0 to 70 ˚C
Terminating source impedance:
ZS =
200
Ω balanced and matching network
Terminating load impedance:
ZL =
200
Ω balanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
201.0
—
MHz
Minimum insertion attenuation
α
min
—
4.4
5.5
dB
(including matching network)
Passband width
B1.0dB
α
rel ≤ 1 dB
—
290
—
kHz
Amplitude ripple (p-p)
∆α
fN ± 110 kHz
—
0.6
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 110 kHz
—
1.0
1.5
µs
Absolute group delay
τ
at fN
1.7
1.95
2.2
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 300 kHz
... fN ± 400 kHz
16
25
—
dB
fN ± 400 kHz
... fN ± 600 kHz
27
30
—
dB
fN ± 600 kHz
... fN ± 800 kHz
28
35
—
dB
fN ± 800 kHz
... fN ±
35 MHz
38
45
—
dB
Impulse response attenuation (relative to max.)
> 3
µs after main lobe
10
12
—
dB
> 30
µs after main lobe
50
60
—
dB
IM3 level (Input level -17 dBm)
fN ± 800
kHz
—
—
-110
dB
fN ± 1600
kHz
—
—
-110
dB
Temperature coefficient of frequency1)
1)
Temperature dependance of fc:fc(TA) = fc(T0) (1 + TCf(TA – T0)2)
TCf
—
–0.036
—
ppm/K2
Turnover temperature
T0
—35
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com