Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC705P9CDW Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CDW
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CDW Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CDW Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC705P9CDW Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC705P9CDW Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC705P9CDW Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC705P9CDW Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC705P9CDW Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705P9CDW Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705P9CDW Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705P9CDW Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 160 page
background image
Memory
EPROM/OTPROM
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Memory
39
Take the following steps to program a byte of EPROM/OTPROM:
1. Apply 16.5 V to the IRQ/VPP pin.
2. Set the LATCH bit.
3. Write to any EPROM/OTPROM address.
4. Set the EPGM bit for a time, tEPGM, to apply the programming
voltage.
5. Clear the LATCH bit.
3.6.1.2 Bootloader ROM
The bootloader ROM, located at addresses $1F00–$1FEF, contains
routines for copying an external EPROM to the on-chip
EPROM/OTPROM.
The bootloader copies to the following EPROM/OTPROM addresses:
•
$0020–$004F
•
$0100–$0900
•
$1FF0–$1FFF
The addresses of the code in the external EPROM must match the
MC68HC705P9 addresses. The bootloader ignores all other addresses.
Figure 3-4 shows the circuit for downloading to the on-chip
EPROM/OTPROM from a 2764 EPROM. The bootloader circuit includes
an external 12-bit counter to address the external EPROM. Operation is
fastest when unused external EPROM addresses contain $00. The
bootloader function begins when a rising edge occurs on the RESETpin
while the VPP voltage is on the IRQ/VPP pin, and the PD7/TCAP pin is at
logic one.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com