Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSMY46K27GH-R5MAZ161D-A Datasheet(PDF) 2 Page - OptoSupply International

Part # OSMY46K27GH-R5MAZ161D-A
Description  LED Light Strip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMY46K27GH-R5MAZ161D-A Datasheet(HTML) 2 Page - OptoSupply International

  OSMY46K27GH-R5MAZ161D-A Datasheet HTML 1Page - OptoSupply International OSMY46K27GH-R5MAZ161D-A Datasheet HTML 2Page - OptoSupply International OSMY46K27GH-R5MAZ161D-A Datasheet HTML 3Page - OptoSupply International OSMY46K27GH-R5MAZ161D-A Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model No.
OSMY46K27GH-
XXXAZ161D-A
REV.
C2
Device Selection Guide
1
Module No.
Color
Dom. Wavelength
(Typ.)
Intensity / Per LED
(Typ.)
R5MAZ161D-X
Red
625±5nm
4000 mcd
O5MAZ161D-X
Orange
605±5nm
4000 mcd
Y5MAZ161D-X
Yellow
590±5nm
4000 mcd
G5DAZ161D-X
Green
530±5nm
5000 mcd
B5SAZ161D-X
Blue
475±5nm
2500 mcd
V5HAZ161D-X
Violet
405±5nm
20 mcd
W5SLZ161D-X
White
X=0.27 ; Y=0.28
5500 mcd
M5SLZ161D-X
Warm White
X=0.45 ; Y=0.41
3000 mcd
K5SLZ161D-X
Pink
X=0.45 ; Y=0.17
1200 mcd
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating supply range(DC)
Vidc
14
V
Input Current (DC)
Ii
270
MA
Power Dissipation
Pa
3.78
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
---
2.16
3.78
w
Input Voltage (DC)
Vi
---
12
14
V
Product input Current
If
---
180
270
mA
Beam Pattern
BP
---
60
---
Deg
Total Length of Modules
(Including Pin)
Lmod.
---
457.2
---
mm
Net Weight
Wei.
---
30.2
---
g
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com